Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40PC015B1A Datasheet(PDF) 8 Page - Sensortechnics GmbH

Part # 40PC015B1A
Description  Fully signal conditioned pressure transducer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

40PC015B1A Datasheet(HTML) 8 Page - Sensortechnics GmbH

  40PC015B1A Datasheet HTML 1Page - Sensortechnics GmbH 40PC015B1A Datasheet HTML 2Page - Sensortechnics GmbH 40PC015B1A Datasheet HTML 3Page - Sensortechnics GmbH 40PC015B1A Datasheet HTML 4Page - Sensortechnics GmbH 40PC015B1A Datasheet HTML 5Page - Sensortechnics GmbH 40PC015B1A Datasheet HTML 6Page - Sensortechnics GmbH 40PC015B1A Datasheet HTML 7Page - Sensortechnics GmbH 40PC015B1A Datasheet HTML 8Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
40PC Series
Fully signal conditioned pressure transducer
8/8
November 2007 / 573
www.sensortechnics.com
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
2:
stocking devices
1, 3: call Sensortechnics for availability
40PC
xxx
x
xA
Lead forming
1:
unformed (straight)
2:
formed away from port
3:
formed towards port
40PC series
Pressure range
001: 0 ... ±50 mmHg
006: 0 ... 300 mmHg
015:
0 ... 15 psi
015:
0 ... -15 psi
030:
0 ... 30 psi
100:
0 ... 100 psi
150:
0 ... 150 psi
250:
0 ... 250 psi
500:
0 ... 500 psi
ORDERING INFORMATION
Pressure mode
B:
bidirectional gage pressure: available for ±50 mmHg only
G:
gage pressure
V:
vacuum gage: available for -15 psi only


Similar Part No. - 40PC015B1A

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
40P-JMDSS-G-1-TF JST-40P-JMDSS-G-1-TF Datasheet
284Kb / 3P
   Board-to-board connectors
logo
Guangdong Kexin Industr...
40P03 KEXIN-40P03 Datasheet
434Kb / 4P
   P-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
40P03 VBSEMI-40P03 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
40P03-20 VBSEMI-40P03-20 Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
40P03-20D VBSEMI-40P03-20D Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - 40PC015B1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCXPM005D6V ETC1-HCXPM005D6V Datasheet
212Kb / 3P
   Fully signal conditioned pressure transducer
logo
Sensortechnics GmbH
HCXPM005D6V SENSORTECHNICS-HCXPM005D6V Datasheet
77Kb / 4P
   Fully signal conditioned pressure transducer
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB_16 Datasheet
140Kb / 6P
   Fully signal conditioned low pressure transducer
161PC01D-PCB SENSORTECHNICS-161PC01D-PCB Datasheet
130Kb / 6P
   Fully signal conditioned low pressure transducer
RVAQ050GB1 SENSORTECHNICS-RVAQ050GB1 Datasheet
168Kb / 8P
   Fully signal conditioned pressure transducers
logo
List of Unclassifed Man...
5882-006-D-B ETC2-5882-006-D-B Datasheet
396Kb / 6P
   SIGNAL-CONDITIONED PRESSURE SENSOR
logo
Sensortechnics GmbH
ASDX015A24R SENSORTECHNICS-ASDX015A24R Datasheet
66Kb / 6P
   Signal conditioned pressure transducers
RBAP015AU SENSORTECHNICS-RBAP015AU Datasheet
103Kb / 6P
   Signal conditioned pressure sensors
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com