Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDM31 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM31
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM31 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVDM31 Datasheet HTML 1Page - Texas Instruments SN65LVDM31 Datasheet HTML 2Page - Texas Instruments SN65LVDM31 Datasheet HTML 3Page - Texas Instruments SN65LVDM31 Datasheet HTML 4Page - Texas Instruments SN65LVDM31 Datasheet HTML 5Page - Texas Instruments SN65LVDM31 Datasheet HTML 6Page - Texas Instruments SN65LVDM31 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN65LVDM31
HIGH-SPEED DIFFERENTIAL LINE DRIVER
SLLS417 – MARCH 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
|VOD|
Differential output voltage magnitude
RL = 100 Ω,
See Figure 2
540
700
860
mV
|VOD|
Differential output voltage magnitude
RL = 50 Ω,
See Figure 2
270
350
430
mV
∆|VOD|
Change in differential output voltage magnitude
between logic states
See Figure 2
–25
0
25
mV
VOC(SS)
Steady-state common-mode output voltage
1.14
1.2
1.3
V
∆VOC(SS)
Change in steady-state common-mode output
voltage between logic states
See Figure 3
–30
0
30
mV
VOC(PP)
Peak-to-peak common-mode output voltage
70
100
mV
Enabled, No load
6
10
ICC
Supply current
Enabled,
RL = 100 Ω
VIN = 0 or VCC
35
40
mA
Disabled
0.5
0.7
IIH
High-level input current
VIH = 3 V
–10
3
10
µA
IIL
Low-level input current
VIL = 0 V
–10
0
10
µA
IOS
Short circuit output current
VOY or VOZ = 0 V
7
10
mA
IOS
Short-circuit output current
VOD = 0 V
7
10
mA
IOZ
High-impedance state output current
VO = 0 V or VCC
±1
µA
IO(OFF)
Power-off output current
VCC = 1.5 V,
VO = 3.6 V
±1
µA
† All typical values are at 25
°C and with a 3.3 V supply.
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
1.8
2.3
2.9
ns
tPHL
Propagation delay time, high-to-low-level output
1.8
2.3
2.9
ns
tr
Differential output signal rise time
See Figure 4
0.4
0.6
1.0
ns
tf
Differential output signal fall time
See Figure 4
0.4
0.6
1.0
ns
tsk(p)
Pulse skew (|tPHL – tPLH|)
50
350
ns
tsk(o)
Channel-to-channel output skew (see Note 3)
200
ns
tsk(pp)
Part-to-part skew (see Note 4)
1
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
6
15
ns
tPZL
Propagation delay time, high-impedance-to-low level output
See Figure 5
6
15
ns
tPHz
Propagation delay time, high-level-to-high-impedance output
6
15
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
6
15
ns
NOTES:
3. tsk(o) is the maximum delay time difference between drivers on the same device.
4. tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both
devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.


Similar Part No. - SN65LVDM31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31DG4 TI1-SN65LVDM31DG4 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31DR TI1-SN65LVDM31DR Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN65LVDM31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3341 PHILIPS-PTN3341 Datasheet
256Kb / 14P
   High speed differential line driver
Rev. 01-6 August 2002
logo
Texas Instruments
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3331 PHILIPS-PTN3331 Datasheet
228Kb / 14P
   High speed differential line driver
Rev. 01-06 August 2002
logo
Texas Instruments
SN65LVDS31-EP TI1-SN65LVDS31-EP_15 Datasheet
231Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI-UA9638C Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS1_091 TI-SN65LVDS1_091 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com