Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26PC17K0G2 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # 26PC17K0G2
Description  Temp. compensated and calibrated pressure sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

26PC17K0G2 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  26PC17K0G2 Datasheet HTML 1Page - Sensortechnics GmbH 26PC17K0G2 Datasheet HTML 2Page - Sensortechnics GmbH 26PC17K0G2 Datasheet HTML 3Page - Sensortechnics GmbH 26PC17K0G2 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
26PC Series (psi)
Temp. compensated and calibrated pressure sensors
4/4
January 2004 / 597
www.sensortechnics.com
2
6
PC
xxxx
x
x
A10
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
26PC series
compensated
Pressure range
0070:
0 - 1 psi
(69 mbar)
0350:
0 - 5 psi
(345 mbar)
1000:
0 - 15 psi (1034 mbar)
2000:
0 - 30 psi (2068 mbar)
7000: 0 - 100 psi
(6.9 bar)
17K0: 0 - 250 psi
(17.2 bar)
Pressure port (Ø 5.1 mm)
Pinning
2: dual inline pinning, 2 x 2
(not available for
differential devices)
6: single inline pinning, 1 x 4
Pressure mode
D: differential pressure
G: gage pressure
ORDERING INFORMATION
OUTLINE DRAWINGS10
26PCxxxxD6A (single inline pinning, 1 x 4), differential pressure devices
mass: 2 g
dimensions in mm
12,7
3 x 2,54
2,29
4 x 1,02
Ø 6,4
Ø 5,1
Ø 1,93
Ø 1,27
PIN 1
12,7
P2
4 3 2 1
P1


Similar Part No. - 26PC17K0G2

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
26PC10K0D2 SENSORTECHNICS-26PC10K0D2 Datasheet
55Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC10K0D2A10 SENSORTECHNICS-26PC10K0D2A10 Datasheet
55Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC10K0D6 SENSORTECHNICS-26PC10K0D6 Datasheet
55Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC10K0D6A10 SENSORTECHNICS-26PC10K0D6A10 Datasheet
55Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC10K0G2 SENSORTECHNICS-26PC10K0G2 Datasheet
55Kb / 4P
   Temp. compensated and calibrated pressure sensors
More results

Similar Description - 26PC17K0G2

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
26PC0050D2 SENSORTECHNICS-26PC0050D2 Datasheet
55Kb / 4P
   Temp. compensated and calibrated pressure sensors
26PC0050DSMT SENSORTECHNICS-26PC0050DSMT Datasheet
181Kb / 4P
   Temp. compensated and calibrated pressure sensors
RQOM050D SENSORTECHNICS-RQOM050D Datasheet
157Kb / 4P
   Temp. compensated and calibrated pressure sensors
RPOM050G6A SENSORTECHNICS-RPOM050G6A Datasheet
219Kb / 5P
   Compensated and calibrated pressure sensors
logo
Silicon Microstructures...
SM5651 SMI-SM5651 Datasheet
2Mb / 5P
   Compensated and Calibrated low Pressure Sensor
logo
List of Unclassifed Man...
SM5651-001 ETC2-SM5651-001 Datasheet
1Mb / 5P
   COMPENSATED AND CALIBRATED LOW PRESSURE SENSOR
logo
Silicon Microstructures...
SM5652 SMI-SM5652 Datasheet
1Mb / 5P
   Compensated and Calibrated Low Pressure Sensor
logo
WOLFSPEED, INC.
AMS5612 WOLFSPEED-AMS5612 Datasheet
283Kb / 6P
   Calibrated and temperature compensated pressure sensor
March 2015 Rev. 1.4
logo
Freescale Semiconductor...
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
   100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com