Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9318301QPA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9318301QPA
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9318301QPA Datasheet(HTML) 1 Page - Texas Instruments

  5962-9318301QPA Datasheet HTML 1Page - Texas Instruments 5962-9318301QPA Datasheet HTML 2Page - Texas Instruments 5962-9318301QPA Datasheet HTML 3Page - Texas Instruments 5962-9318301QPA Datasheet HTML 4Page - Texas Instruments 5962-9318301QPA Datasheet HTML 5Page - Texas Instruments 5962-9318301QPA Datasheet HTML 6Page - Texas Instruments 5962-9318301QPA Datasheet HTML 7Page - Texas Instruments 5962-9318301QPA Datasheet HTML 8Page - Texas Instruments 5962-9318301QPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN55LBC176, SN65LBC176, SN65LBC176Q, SN75LBC176
DIFFERENTIAL BUS TRANSCEIVERS
SLLS067G − AUGUST 1990 − REVISED APRIL 2006
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Bidirectional Transceiver
D Meets or Exceeds the Requirements of
ANSI Standard TIA/EIA−485−A and
ISO 8482:1987(E)
D High-Speed Low-Power LinBiCMOS
Circuitry
D Designed for High-Speed Operation in Both
Serial and Parallel Applications
D Low Skew
D Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
D Very Low Disabled Supply Current ...200
µA Maximum
D Wide Positive and Negative Input/Output
Bus Voltage Ranges
D Thermal-Shutdown Protection
D Driver Positive-and Negative-Current
Limiting
D Open-Circuit Failsafe Receiver Design
D Receiver Input Sensitivity... ±200 mV Max
D Receiver Input Hysteresis . . . 50 mV Typ
D Operates From a Single 5-V Supply
D Glitch-Free Power-Up and Power-Down
Protection
D Available in Q-Temp Automotive
HighRel Automotive Applications
Configuration Control / Print Support
Qualification to Automotive Standards
description
The
SN55LBC176,
SN65LBC176,
SN65LBC176Q, and SN75LBC176 differential
bus
transceivers
are
monolithic,
integrated
circuits designed for bidirectional data communi-
cation on multipoint bus-transmission lines. They
are designed for balanced transmission lines and
meet ANSI Standard TIA/EIA−485−A (RS-485)
and ISO 8482:1987(E).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
D, JG, OR P PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
B
NC
A
NC
NC
RE
NC
DE
NC
FK PACKAGE
(TOP VIEW)
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2000−2006, Texas Instruments Incorporated
LinBiCMOS and LinASIC are trademarks of Texas Instruments Incorporated.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
INPUT
D
H
L
X
ENABLE
DE
H
H
L
OUTPUTS
A
B
H
L
L
H
Z
Z
DRIVER
DIFFERENTIAL INPUTS
VID = VIA −VIB
VID ≥ 0.2 V
− 0.2 V < VID < 0.2 V
VID ≤ −0.2 V
X
Open
ENABLE
RE
L
L
L
H
L
OUTPUT
R
H
?
L
Z
H
RECEIVER
H = high level,
L = low level,
? = indeterminate,
X = irrelevant,
Z = high impedance (off)
Function Tables


Similar Part No. - 5962-9318301QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9318301QPA TI1-5962-9318301QPA Datasheet
1,007Kb / 26P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - 5962-9318301QPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com