Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC05-48S12 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FDC05-48S12
Description  5 WATTS OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FDC05-48S12 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FDC05-48S12 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC05-48S12 Datasheet HTML 2Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2 Issued Date:2008/05/21
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage Min. load Full load
Output
(4)
Ripple & Noise
No load
(3)
Full load
(2)
Eff
(4)
(%)
Capacitor
Load max
(5)
FDC05-12S33
9 – 18 VDC
3.3 VDC
0mA
1000mA
50mVp-p
10mA
382mA
76
3700μF
FDC05-12S05
9 – 18 VDC
5 VDC
0mA
1000mA
50mVp-p
10mA
556mA
79
1700μF
FDC05-12S12
9 – 18 VDC
12 VDC
0mA
470mA
50mVp-p
10mA
610mA
81
290μF
FDC05-12S15
9 – 18 VDC
15 VDC
0mA
400mA
50mVp-p
15mA
658mA
80
188μF
FDC05-12D05
9 – 18 VDC
± 5 VDC
0mA
± 500mA
50mVp-p
20mA
556mA
79
± 850μF
FDC05-12D12
9 – 18 VDC
± 12 VDC
0mA
± 230mA
50mVp-p
15mA
597mA
81
± 140μF
FDC05-12D15
9 – 18 VDC
± 15 VDC
0mA
± 190mA
50mVp-p
20mA
609mA
82
± 47μF
FDC05-24S33 (W)
18 – 36 (9 – 36) VDC
3.3 VDC
0mA
1000mA
50mVp-p
15(5mA)
199 (188mA) 73 (77)
3700μF
FDC05-24S05 (W)
18 – 36 (9 – 36) VDC
5 VDC
0mA
1000mA
50mVp-p
15(5mA)
282 (274mA) 78 (80)
1700μF
FDC05-24S12 (W)
18 – 36 (9 – 36) VDC
12 VDC
0mA
470mA
50mVp-p
10(5mA)
305 (301mA) 81 (82)
290μF
FDC05-24S15 (W)
18 – 36 (9 – 36) VDC
15 VDC
0mA
400mA
50mVp-p
20(5mA)
325 (325mA) 81 (81)
188μF
FDC05-24D05 (W)
18 – 36 (9 – 36) VDC
± 5 VDC
0mA
± 500mA
50mVp-p
15(5mA)
278 (274mA) 79 (80)
± 850μF
FDC05-24D12 (W)
18 – 36 (9 – 36) VDC ± 12 VDC
0mA
± 230mA
50mVp-p
20(5mA)
295 (295mA) 82 (82)
± 140μF
FDC05-24D15 (W)
18 – 36 (9 – 36) VDC ± 15 VDC
0mA
± 190mA
50mVp-p
20(10mA) 308 (301mA) 81 (83)
± 47μF
FDC05-48S33 (W)
36 – 75 (18 – 75) VDC 3.3 VDC
0mA
1000mA
50mVp-p
5(5mA)
100 (100mA) 73 (73)
3700μF
FDC05-48S05 (W)
36 – 75 (18 – 75) VDC
5 VDC
0mA
1000mA
50mVp-p
10(10mA) 145 (145mA) 76 (76)
1700μF
FDC05-48S12 (W)
36 – 75 (18 – 75) VDC
12 VDC
0mA
470mA
50mVp-p
10(10mA) 151 (151mA) 82 (82)
290μF
FDC05-48S15 (W)
36 – 75 (18 – 75) VDC
15 VDC
0mA
400mA
50mVp-p
10(10mA) 160 (163mA) 82 (81)
188μF
FDC05-48D05 (W)
36 – 75 (18 – 75) VDC ± 5 VDC
0mA
± 500mA
50mVp-p
10(5mA)
141 (141mA) 78 (78)
± 850μF
FDC05-48D12 (W)
36 – 75 (18 – 75) VDC ± 12 VDC
0mA
± 230mA
50mVp-p
10(10mA) 149 (149mA) 81 (81)
± 140μF
FDC05-48D15 (W)
36 – 75 (18 – 75) VDC ± 15 VDC
0mA
± 190mA
50mVp-p
10(10mA) 154 (154mA) 81 (81)
± 47μF
FDC05-48S05
Efficiency VS Input Voltage
69
71
73
75
77
79
81
83
36
40
44
48
52
56
60
64
68
72
INPUT VOLTAGE (V)
FDC05-48S05
Efficiency VS Output Load
40
45
50
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90 100
OUTPUT LOAD (% of Full Load)
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
Maximum value at nominal input voltage and full load of standard type.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
The ON/OFF control pin voltage is referenced to -Vin
To order positive logic ON/OFF control add the suffix-P (Ex: FDC05-48S05-P)
To order negative logic ON/OFF control add the suffix-N (Ex: FDC05-48S05-N)
7.
M1 version is more efficient, therefore, it can be operated in a more extensive temperature range
than standard and M2 version.
8.
Heat sink is optional and P/N: 7G-0020C-F.
9.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ.
FDC05-48S05 Derating Curve
0
20
40
60
80
100
120
-40 -25 -10 5 20 35 50 65 80 95 110
AMBIENT TEMPERATURE(℃)
81
FDC05-48S05 Derating Curve
With Heatsink (Note 5 )
0
20
40
60
80
100
120
-40 -25 -10 5
20 35 50 65 80 95 110
AMBIENT TEMPERATURE(℃)
84
(Note 8)
PIN CONNECTION
PIN
SINGLE
DUAL OUTPUT
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
3
+ OUTPUT
+ OUTPUT
4
NO PIN
COMMON
5
- OUTPUT
-OUTPUT
6
CTRL (Option)
CTRL (Option)
1. All dimensions in Inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)


Similar Part No. - FDC05-48S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC05-48S12 ETC1-FDC05-48S12 Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FDC05-48S12 ASTRODYNE-FDC05-48S12 Datasheet
368Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC05-48S12 P-DUKE-FDC05-48S12 Datasheet
393Kb / 2P
   5 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC05-48S12 ASTRODYNE-FDC05-48S12 Datasheet
201Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FDC05-48S12W ETC1-FDC05-48S12W Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
More results

Similar Description - FDC05-48S12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
logo
List of Unclassifed Man...
FDC05 ETC1-FDC05 Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
logo
Power Mate Technology C...
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Qualtek Electronics Cor...
QFWB-5 QUALTEK-QFWB-5 Datasheet
194Kb / 2P
   5 Watts Single Output Wall Mount
QFAW QUALTEK-QFAW Datasheet
503Kb / 2P
   5 & 6 Watts Single Output USB
logo
Power Mate Technology C...
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
   12 WATTS OUTPUT POWER
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
   20 WATTS OUTPUT POWER
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
logo
RSG Electronic Componen...
FKC08 RSG-FKC08 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com