Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC15-24D15 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FDC15-24D15
Description  15 WATTS OUTPUT POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FDC15-24D15 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FDC15-24D15 Datasheet HTML 1Page - Power Mate Technology Co., LTD FDC15-24D15 Datasheet HTML 2Page - Power Mate Technology Co., LTD FDC15-24D15 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 Issued Date:2008/05/21
FDC15-48S05
Efficiency VS Input Voltage
70%
72%
74%
76%
78%
80%
82%
36
40
44
48
52
56
60
64
68
72
INPUT VOLTAGE (V)
FDC15-48S05
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage Min. load
Full load
Output
(4)
Ripple & Noise
No load
(3)
Full load
(2)
Eff
(4)
(%)
Capacitor
Load max
(5)
FDC15-24S05
9 – 36 VDC
5 VDC
210mA
3000mA
75mVp-p
20mA
822mA
80
6800μF
FDC15-24S12
9 – 36 VDC
12 VDC
100mA
1250mA
75mVp-p
10mA
801mA
82
890μF
FDC15-24S15
9 – 36 VDC
15 VDC
80mA
1000mA
75mVp-p
20mA
801mA
82
570μF
FDC15-24D05
9 – 36 VDC
± 5 VDC
± 105mA
± 1500mA
75mVp-p
20mA
822mA
80
± 1700μF
FDC15-24D12
9 – 36 VDC
± 12 VDC
± 50mA
± 625mA
75mVp-p
20mA
801mA
82
± 300μF
FDC15-24D15
9 – 36 VDC
± 15 VDC
± 40mA
± 500mA
75mVp-p
20mA
801mA
82
± 200μF
FDC15-48S05
18 – 75 VDC
5 VDC
210mA
3000mA
75mVp-p
15mA
411mA
80
6800μF
FDC15-48S12
18 – 75 VDC
12 VDC
100mA
1250mA
75mVp-p
15mA
401mA
82
890μF
FDC15-48S15
18 – 75 VDC
15 VDC
80mA
1000mA
75mVp-p
10mA
401mA
82
570μF
FDC15-48D05
18 – 75 VDC
± 5 VDC
± 105mA
± 1500mA
75mVp-p
10mA
411mA
80
± 1700μF
FDC15-48D12
18 – 75 VDC
± 12 VDC
±50mA
± 625mA
75mVp-p
20mA
401mA
82
± 300μF
FDC15-48D15
18 – 75 VDC
± 15 VDC
± 40mA
± 500mA
75mVp-p
15mA
401mA
82
± 200μF
Note
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.
Maximum value at nominal input voltage and full load.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these
devices, however they may not meet all listed specification.
7.
The ON/OFF control pin voltage is reference to -Vin.
8.
Heat-sink is optional and P/N: 7G-0011C-F.
9.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Power Mate suggest:
Nippon chemi-con KY series, 220μF /100V, ESR 48mΩ.
FDC15-48S05 Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20
406080
100
120
AMBIENT TEMPERATURE(℃)
62.5
FDC15-48S05 Derating Curve
With Heatsink (Note 6 )
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
69.1
(Note 8)


Similar Part No. - FDC15-24D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC15-24D15 ETC-FDC15-24D15 Datasheet
174Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Volgen Kaga Electronics...
FDC15-24D15 VOLGEN-FDC15-24D15 Datasheet
238Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Power Mate Technology C...
FDC15-24D15 P-DUKE-FDC15-24D15 Datasheet
329Kb / 3P
   15 WATTS DC-DC CONVERTER
More results

Similar Description - FDC15-24D15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC15-12S33 P-DUKE-FEC15-12S33 Datasheet
281Kb / 3P
   15 WATTS OUTPUT POWER
FEC15-24S3P3W P-DUKE-FEC15-24S3P3W Datasheet
254Kb / 3P
   15 WATTS OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
LCD15-12S3P3 P-DUKE-LCD15-12S3P3 Datasheet
329Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
logo
Wall Industries,Inc.
JF24S3.3-3500 WALL-JF24S3.3-3500_16 Datasheet
441Kb / 6P
   15 Watts Maximum Output Power
logo
Power Mate Technology C...
LCD15-24S3P3W P-DUKE-LCD15-24S3P3W Datasheet
327Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ_14 Datasheet
786Kb / 4P
   POWER 15 Watts
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
   POWER 15 Watts
LGA03C-00SADJJ ARTESYN-LGA03C-00SADJJ_15 Datasheet
712Kb / 4P
   15 - 100 Watts POWER
logo
Astec America, Inc
AUG05K48 ASTEC-AUG05K48 Datasheet
90Kb / 2P
   15 Watts Embedded Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com