Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS176AD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS176AD
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS176AD Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75ALS176AD Datasheet HTML 6Page - Texas Instruments SN75ALS176AD Datasheet HTML 7Page - Texas Instruments SN75ALS176AD Datasheet HTML 8Page - Texas Instruments SN75ALS176AD Datasheet HTML 9Page - Texas Instruments SN75ALS176AD Datasheet HTML 10Page - Texas Instruments SN75ALS176AD Datasheet HTML 11Page - Texas Instruments SN75ALS176AD Datasheet HTML 12Page - Texas Instruments SN75ALS176AD Datasheet HTML 13Page - Texas Instruments SN75ALS176AD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SN65ALS176, SN75ALS176, SN75ALS176A, SN75ALS176B
DIFFERENTIAL BUS TRANSCEIVERS
SLLS040G – AUGUST 1987 – REVISED DECEMBER 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
VOLTAGE WAVEFORMS
VOL
tPLZ
tPZL
5 V
0.5 V
2.3 V
0 V
3 V
1.5 V
1.5 V
5 V
Output
Input
Output
S1
0 V or 3 V
50
RL = 110 Ω
Generator
(see Note B)
CL = 50 pF
(see Note A)
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO =50 Ω.
Figure 5. Driver Test Circuit and Voltage Waveforms
–IOH
VOH
+IOL
VOL
VID
Figure 6. Receiver VOH and VOL Test Circuit
TEST CIRCUIT
VOLTAGE WAVEFORMS
VOL
VOH
3 V
0 V
tPHL
tPLH
Output
Input
1.5 V
1.3 V
51
Output
0 V
1.5 V
(see Note C)
(see Note C)
Generator
(see Note B)
CL = 15 pF
(see Note A)
1.5 V
1.3 V
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns,
tf ≤ 6 ns, ZO =50 Ω.
C. tpd = tPLH or tPHL
Figure 7. Receiver Test Circuit and Voltage Waveforms


Similar Part No. - SN75ALS176AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS176AD TI-SN75ALS176AD Datasheet
320Kb / 19P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS176AD TI-SN75ALS176AD Datasheet
486Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS176AD TI-SN75ALS176AD Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS176ADE4 TI-SN75ALS176ADE4 Datasheet
320Kb / 19P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS176ADE4 TI-SN75ALS176ADE4 Datasheet
486Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN75ALS176AD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com