Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMP110 Datasheet(PDF) 3 Page - Excelics Semiconductor, Inc.

Part # EMP110
Description  5.9 - 7.9 GHz Power Amplifier MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP110 Datasheet(HTML) 3 Page - Excelics Semiconductor, Inc.

  EMP110 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP110 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMP110 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EMP110
UPDATED 12/15/2004
5.9 – 7.9 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 3 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised December 2004
ASSEMBLY DRAWING
The length of RF wires should be as short as possible. Use at least two wires between RF pad and 50 ohm line
and separate the wires to minimize the mutual inductance.
Chip Size 1130 x 2250 microns
Chip Thickness: 85
± 15 microns
PAD Dimensions: 100 x 100 microns
All Dimensions in Microns
CHIP OUTLINE


Similar Part No. - EMP110

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP110-P1 EXCELICS-EMP110-P1 Datasheet
94Kb / 2P
   5.8 - 8.0 GHz Power Amplifier MMIC
EMP110-Q5 EXCELICS-EMP110-Q5 Datasheet
129Kb / 3P
   5.8 - 8.0 GHz Surface-Mounted PA
More results

Similar Description - EMP110

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP107 EXCELICS-EMP107 Datasheet
195Kb / 4P
   5.9 - 7.9 GHz Power Amplifier MMIC
EMP107-P1 EXCELICS-EMP107-P1 Datasheet
94Kb / 2P
   5.9 - 7.9 GHz Power Amplifier MMIC
logo
Mimix Broadband
XP1035-BD MIMIX-XP1035-BD Datasheet
1Mb / 1P
   5.9-9.5 GHz GaAs MMIC Linear Power Amplifier
logo
WOLFSPEED, INC.
CMPA801B030S WOLFSPEED-CMPA801B030S Datasheet
4Mb / 17P
   7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-12-15
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
logo
WOLFSPEED, INC.
CMPA5259080S WOLFSPEED-CMPA5259080S Datasheet
1Mb / 16P
   80 W, 5.0 - 5.9 GHz, GaN MMIC, Power Amplifier
Rev 0.1 September 2021
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3 Datasheet
309Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
logo
Cree, Inc
CMPA5259050S CREE-CMPA5259050S Datasheet
1Mb / 16P
   50 W, 5.0 - 5.9 GHz, GaN MMIC, Power Amplifier
CMPA5259080S CREE-CMPA5259080S Datasheet
1Mb / 16P
   80 W, 5.0 - 5.9 GHz, GaN MMIC, Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com