Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUR01-33S15 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # DUR01-33S15
Description  1 WATT UNREGULATED OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DUR01-33S15 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  DUR01-33S15 Datasheet HTML 1Page - Power Mate Technology Co., LTD DUR01-33S15 Datasheet HTML 2Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2 Issued Date:2009/03/06
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(4)
Ripple & Noise
No load
(3)
Full load
(2)
Eff
(4)
(%)
Capacitor
Load max
(5)
DUR01-33S33
3.0 – 3.6 VDC
3.3 VDC
30.3mA
303mA
100mVp-p
42mA
473mA
68
150μF
DUR01-33S05
3.0 – 3.6 VDC
5 VDC
20mA
200mA
100mVp-p
38mA
451mA
70
100μF
DUR01-33S12
3.0 – 3.6 VDC
12 VDC
8.4mA
84mA
100mVp-p
45mA
449mA
72
47μF
DUR01-33S15
3.0 – 3.6 VDC
15 VDC
6.6mA
66mA
100mVp-p
45mA
423mA
75
33μF
DUR01-05S33
4.5 – 5.5 VDC
3.3 VDC
30.3mA
303mA
100mVp-p
25mA
312mA
68
150μF
DUR01-05S05
4.5 – 5.5 VDC
5 VDC
20mA
200mA
100mVp-p
25mA
303mA
70
100μF
DUR01-05S12
4.5 – 5.5 VDC
12 VDC
8.4mA
84mA
100mVp-p
25mA
272mA
78
47μF
DUR01-05S15
4.5 – 5.5 VDC
15 VDC
6.6mA
66mA
100mVp-p
24mA
262mA
80
33μF
DUR01-12S33
10.8 – 13.2 VDC
3.3 VDC
30.3mA
303mA
100mVp-p
14mA
131mA
68
150μF
DUR01-12S05
10.8 – 13.2 VDC
5 VDC
20mA
200mA
100mVp-p
10mA
126mA
70
100μF
DUR01-12S12
10.8 – 13.2 VDC
12 VDC
8.4mA
84mA
100mVp-p
14mA
113mA
78
47μF
DUR01-12S15
10.8 – 13.2 VDC
15 VDC
6.6mA
66mA
100mVp-p
13mA
109mA
80
33μF
DUR01-15S33
13.5 – 16.5 VDC
3.3 VDC
30.3mA
303mA
100mVp-p
9mA
105mA
68
150μF
DUR01-15S05
13.5 – 16.5 VDC
5 VDC
20mA
200mA
100mVp-p
9mA
101mA
70
100μF
DUR01-15S12
13.5 – 16.5 VDC
12 VDC
8.4mA
84mA
100mVp-p
8mA
91mA
78
47μF
DUR01-15S15
13.5 – 16.5 VDC
15 VDC
6.6mA
66mA
100mVp-p
9mA
87mA
80
33μF
DUR01-24S33
21.6 – 26.4 VDC
3.3 VDC
30.3mA
303mA
100mVp-p
6mA
64mA
70
150μF
DUR01-24S05
21.6 – 26.4 VDC
5 VDC
20mA
200mA
100mVp-p
6mA
63mA
70
100μF
DUR01-24S12
21.6 – 26.4 VDC
12 VDC
8.4mA
84mA
100mVp-p
5mA
57mA
78
47μF
DUR01-24S15
21.6 – 26.4 VDC
15 VDC
6.6mA
66mA
100mVp-p
6mA
54mA
80
33μF
Note
1.BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2.Maximum value at nominal input voltage and full load of standard type.
3.Typical value at nominal input voltage and no load.
4.Typical value at nominal input voltage and full load.
5.Test by minimum Vin and constant resistive load.
6.The output requires a minimum loading on the output to maintain specified regulation.
Operation under no-load condition will not damage these devices, however they may not
meet all listed specification.
7. Internal fuse is not included, so we suggest to use an input line fuse.
STANDARD
PIN
SINGLE
1
- INPUT
2
+ INPUT
3
- OUTPUT
4
+ OUTPUT
1. All dimensions in Inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)
0.45(11.5)
0.24(6.0)
0.40(10.2)
0.16(4.1)
0.100(2.54)
0.01x 0.02 ( 0.25 x 0.5)
Rectangular Pin
FRONT VIEW
0.05(1.2)
0.08(2.0)
0.300(7.62)
1
2
4 3
0.02(0.5)
BOTTOM VIEW


Similar Part No. - DUR01-33S15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DUR01-33S15 ETC-DUR01-33S15 Datasheet
90Kb / 2P
   standard building blocks for on-board distributed power
logo
RSG Electronic Componen...
DUR01-33S15 RSG-DUR01-33S15 Datasheet
159Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Power Mate Technology C...
DUR01-33S15 P-DUKE-DUR01-33S15 Datasheet
217Kb / 2P
   1WATTS DC-DC CONVERTER
More results

Similar Description - DUR01-33S15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DU1P0-05S05 RSG-DU1P0-05S05 Datasheet
150Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
DUR01-33S33 RSG-DUR01-33S33 Datasheet
159Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Power Mate Technology C...
DU1P0-05S05 P-DUKE-DU1P0-05S05 Datasheet
233Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Wall Industries,Inc.
LANEH WALL-LANEH_16 Datasheet
381Kb / 6P
   1 Watt Output Power
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HL01U CANDD-HL01U Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HB01U MURATA-PS-HB01U Datasheet
105Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com