Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DU1P0-12D12 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # DU1P0-12D12
Description  1 WATT UNREGULATED OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DU1P0-12D12 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  DU1P0-12D12 Datasheet HTML 1Page - Power Mate Technology Co., LTD DU1P0-12D12 Datasheet HTML 2Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2 Issued Date:2009/03/06
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(4)
Ripple & Noise No load
(3) Full load(2)
Eff
(4)
(%)
Capacitor
Load
max
(5)
DU1P0-05S05
4.5 – 5.5 VDC
5 VDC
20mA
200mA
100mVp-p
42mA
274mA
77
330μF
DU1P0-05S12
4.5 – 5.5 VDC
12 VDC
8.3mA
83mA
100mVp-p
32mA
255mA
82
330μF
DU1P0-05S15
4.5 – 5.5 VDC
15 VDC
6.7mA
67mA
100mVp-p
35mA
261mA
81
330μF
DU1P0-05D05
4.5 – 5.5 VDC
± 5 VDC
± 10mA
± 100mA
100mVp-p
40mA
270mA
78
±
150μF
DU1P0-05D12
4.5 – 5.5 VDC
± 12 VDC
± 4.2mA
± 42mA
100mVp-p
35mA
258mA
82
±
150μF
DU1P0-05D15
4.5 – 5.5 VDC
± 15 VDC
± 3.3mA
± 33mA
100mVp-p
40mA
257mA
81
±
150μF
DU1P0-12S05
10.8 – 13.2 VDC
5 VDC
20mA
200mA
100mVp-p
17mA
114mA
77
330μF
DU1P0-12S12
10.8 – 13.2 VDC
12 VDC
8.3mA
83mA
100mVp-p
17mA
106mA
82
330μF
DU1P0-12S15
10.8 – 13.2 VDC
15 VDC
6.7mA
67mA
100mVp-p
18mA
112mA
79
330μF
DU1P0-12D05
10.8 – 13.2 VDC
± 5 VDC
± 10mA
± 100mA
100mVp-p
18mA
114mA
77
±
150μF
DU1P0-12D12
10.8 – 13.2 VDC
± 12 VDC
± 4.2mA
± 42mA
100mVp-p
18mA
109mA
81
±
150μF
DU1P0-12D15
10.8 – 13.2 VDC
± 15 VDC
± 3.3mA
± 33mA
100mVp-p
18mA
106mA
82
±
150μF
DU1P0-15S05
13.5 – 16.5 VDC
5 VDC
20mA
200mA
100mVp-p
20mA
97mA
73
330μF
DU1P0-15S12
13.5 – 16.5 VDC
12 VDC
8.3mA
83mA
100mVp-p
18mA
89mA
79
330μF
DU1P0-15S15
13.5 – 16.5 VDC
15 VDC
6.7mA
67mA
100mVp-p
18mA
88mA
80
330μF
DU1P0-15D05
13.5 – 16.5 VDC
± 5 VDC
± 10mA
± 100mA
100mVp-p
18mA
94mA
75
±
150μF
DU1P0-15D12
13.5 – 16.5 VDC
± 12 VDC
± 4.2mA
± 42mA
100mVp-p
16mA
88mA
80
±
150μF
DU1P0-15D15
13.5 – 16.5 VDC
± 15 VDC
± 3.3mA
± 33mA
100mVp-p
16mA
87mA
80
±
150μF
DU1P0-24S05
21.6 – 26.4 VDC
5 VDC
20mA
200mA
100mVp-p
12mA
61mA
72
330μF
DU1P0-24S12
21.6 – 26.4 VDC
12 VDC
8.3mA
83mA
100mVp-p
12mA
56mA
78
330μF
DU1P0-24S15
21.6 – 26.4 VDC
15 VDC
6.7mA
67mA
100mVp-p
10mA
57mA
78
330μF
DU1P0-24D05
21.6 – 26.4 VDC
± 5 VDC
± 10mA
± 100mA
100mVp-p
12mA
59mA
75
±
150μF
DU1P0-24D12
21.6 – 26.4 VDC
± 12 VDC
± 4.2mA
± 42mA
100mVp-p
10mA
57mA
78
±
150μF
DU1P0-24D15
21.6 – 26.4 VDC
± 15 VDC
± 3.3mA
± 33mA
100mVp-p
10mA
55mA
79
±
150μF
Note
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment).
2. Maximum value at nominal input voltage and full load of standard type.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Test by minimum Vin and constant resistive load.
6. The output requires a minimum loading on the output to maintain specified regulation.
Operation under no-load condition will not damage these devices, however they may not
meet all listed specification.
7. Internal fuse is not included, so we suggest to use an input line fuse.
STANDARD
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
4
- OUTPUT -OUTPUT
5
NC
COMMON
6
+ OUTPUT + OUTPUT
“N” Models
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
5
- OUTPUT - OUTPUT
6
NC
COMMON
7
+ OUTPUT + OUTPUT
0.77(19.6)
0.40(10.2)
0.14(3.6)
0.100(2.54)
FRONT VIEW
0.200(5.08)
0.016(0.41)
0.085(2.16)
1. All dimensions in inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)
0.010(0.25)
1 2
4 5 6 7
BOTTOM VIEW
0.24
(6.1)
0.01x0.02
(0.25x0.5) Rectangular Pin
0.075(1.91)


Similar Part No. - DU1P0-12D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DU1P0-12D12 ETC-DU1P0-12D12 Datasheet
88Kb / 2P
   1 WATT DC-DC CONVERTER
logo
Astrodyne Corporation
DU1P0-12D12 ASTRODYNE-DU1P0-12D12 Datasheet
374Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
logo
RSG Electronic Componen...
DU1P0-12D12 RSG-DU1P0-12D12 Datasheet
150Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Power Mate Technology C...
DU1P0-12D12 P-DUKE-DU1P0-12D12 Datasheet
306Kb / 2P
   1 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
DU1P0-12D12 ASTRODYNE-DU1P0-12D12 Datasheet
171Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
More results

Similar Description - DU1P0-12D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DUR01-33S33 P-DUKE-DUR01-33S33 Datasheet
235Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
RSG Electronic Componen...
DU1P0-05S05 RSG-DU1P0-05S05 Datasheet
150Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
DUR01-33S33 RSG-DUR01-33S33 Datasheet
159Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Wall Industries,Inc.
LANEH WALL-LANEH_16 Datasheet
381Kb / 6P
   1 Watt Output Power
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HL01U CANDD-HL01U Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HB01U MURATA-PS-HB01U Datasheet
105Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com