Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24PC1000D2A10 Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # 24PC1000D2A10
Description  Unamplified, uncompensated pressure sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

24PC1000D2A10 Datasheet(HTML) 2 Page - Sensortechnics GmbH

  24PC1000D2A10 Datasheet HTML 1Page - Sensortechnics GmbH 24PC1000D2A10 Datasheet HTML 2Page - Sensortechnics GmbH 24PC1000D2A10 Datasheet HTML 3Page - Sensortechnics GmbH 24PC1000D2A10 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
24PC Series (psi)
Unamplified, uncompensated pressure sensors
2/4
February 2005 / 603
www.sensortechnics.com
COMMON PERFORMANCE CHARACTERISTICS
V
s = 10.0 ± 0.01 V, tamb = 25°C (unless otherwise noted)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
0
3
-0
3
+
V
m
)
C
°
0
5
-
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
4
t
e
s
f
f
O0
.
2
±
n
a
p
S0
0
0
2
-
C
°
/
m
p
p
e
c
n
a
d
e
p
m
i
e
g
d
i
r
b
n
o
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
4
0
0
2
2
+
)
L
S
B
,
1
P
>
2
P
(
y
t
i
r
a
e
n
i
L
3
5
2
.
0
±0
.
1
±
n
a
p
s
%
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
il
i
b
a
t
a
e
p
e
R
5
5
1
.
0
±
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
7
5
.
0
±
e
c
n
a
d
e
p
m
i
t
u
p
n
I
0
.
40
.
50
.
6
k
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
0
.
40
.
50
.
6
e
m
i
t
e
s
n
o
p
s
e
R
6
0
.
1s
m
PRESSURE SENSOR CHARACTERISTICS
V
s = 10.0 ± 0.01 V, tamb = 25°C (unless otherwise noted)
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
The maximum specified pressure which may be applied to the sensor without causing a permanent change in the output characteristics.
Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure. Span is
ratiometric to the supply voltage.
Linearity (BSL), the deviation of measured output at constant temperature (25°C) from "Best Straight Line" determined by three
points, offset pressure, full-scale pressure and half full-scale pressure.
Error band of the offset voltage, span or bridge impedance in the specified temperature range, relative to the 25°C reading.
Repeatability, the deviation in output readings for successive application of any given input pressure (all other conditions
remaining constant. Hysteresis, the error defined by the deviation in output signal obtained when a specific pressure point is
approached first with increasing pressure, then with decreasing pressure or vice versa (all other conditions remaining constant).
Response time for 0 to full-scale pressure step change, readings taken at 10 % and 90 % of full-scale pressure.
Long term stability of offset and span over a period over one year.
The sensors might be used on both ports, for media compatible with the components, specified under "Service" (page 1).
Other sealing materials are available on request. Minimum order quantities might be required.
Other pressure port styles, like barbed ones, luers, modular, M5, needle style or flow through connection, are
available on request. For these specials see the data sheet "24/26PC specials". Minimum order quantities might be required, call
Sensortechnics for assistance.
[ V
½ full scale
{
Vfull scale - Voffset
(full scale pressure)
x (½ full scale pressure) + Voffset
}] : 2 (V
full scale) x 100 %
where: V = measured value for each device
g
n
i
t
s
i
Lr
e
b
m
u
n
r
e
d
r
Oe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O
n
a
p
s
e
l
a
c
s
-
l
l
u
F
2
.
n
i
M.
p
y
T.
x
a
M
x
x
A
F
E
C
P
4
2A
x
x
5
3
0
0
C
P
4
2)
r
a
b
m
5
.
4
3
(
i
s
p
5
.
0
-
0V
m
4
2V
m
5
3V
m
6
4
x
x
A
F
A
C
P
4
2A
x
x
0
7
0
0
C
P
4
2)
r
a
b
m
9
6
(
i
s
p
1
-
0V
m
0
3V
m
5
4V
m
0
6
x
x
A
F
B
C
P
4
2A
x
x
0
5
3
0
C
P
4
2)
r
a
b
m
5
4
3
(
i
s
p
5
-
0V
m
5
8V
m
5
1
1V
m
5
4
1
x
x
A
F
C
C
P
4
2A
x
x
0
0
0
1
C
P
4
2)
r
a
b
m
4
3
0
1
(
i
s
p
5
1
-
0V
m
5
6
1V
m
5
2
2V
m
5
8
2
x
x
A
F
D
C
P
4
2A
x
x
0
0
0
2
C
P
4
2)
r
a
b
m
8
6
0
2
(
i
s
p
0
3
-
0V
m
0
4
2V
m
0
3
3V
m
0
2
4
x
x
A
F
F
C
P
4
2A
x
x
0
0
0
7
C
P
4
2)
r
a
b
9
.
6
(
i
s
p
0
0
1
-
0V
m
6
5
1V
m
5
2
2V
m
4
9
2
x
x
A
F
G
C
P
4
2A
x
x
0
K
7
1
C
P
4
2)
r
a
b
2
.
7
1
(
i
s
p
0
5
2
-
0V
m
5
4
1V
m
2
1
2V
m
0
8
2


Similar Part No. - 24PC1000D2A10

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
24PC1000DSMT SENSORTECHNICS-24PC1000DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
More results

Similar Description - 24PC1000D2A10

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0050D2 SENSORTECHNICS-24PC0050D2 Datasheet
55Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
logo
Honeywell Accelerometer...
NBPLANN030PGUNV HONEYWELL-ACC-NBPLANN030PGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPDLNN060PAUNV HONEYWELL-ACC-NBPDLNN060PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
NBPDANN150PAUNV HONEYWELL-NBPDANN150PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Motorola, Inc
MPX100 MOTOROLA-MPX100 Datasheet
157Kb / 8P
   100kPa Uncompensated Silicon Pressure Sensors
logo
Honeywell Accelerometer...
26PCCFB2G HONEYWELL-ACC-26PCCFB2G Datasheet
80Kb / 2P
   Pressure Sensors Gage and Differential/Unamplified
logo
Freescale Semiconductor...
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
   10 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
   10 kPa Uncompensated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com