Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75453 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75453
Description  DUAL PERIPHERAL DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75453 Datasheet(HTML) 1 Page - Texas Instruments

  SN75453 Datasheet HTML 1Page - Texas Instruments SN75453 Datasheet HTML 2Page - Texas Instruments SN75453 Datasheet HTML 3Page - Texas Instruments SN75453 Datasheet HTML 4Page - Texas Instruments SN75453 Datasheet HTML 5Page - Texas Instruments SN75453 Datasheet HTML 6Page - Texas Instruments SN75453 Datasheet HTML 7Page - Texas Instruments SN75453 Datasheet HTML 8Page - Texas Instruments SN75453 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN55451B, SN55452B, SN55453B, SN55454B
SN75451B, SN75452B, SN75453B, SN75454B
DUAL PERIPHERAL DRIVERS
SLRS021B – DECEMBER 1976 – REVISED SEPTEMBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PERIPHERAL DRIVERS FOR
HIGH-CURRENT SWITCHING AT
VERY HIGH SPEEDS
D Characterized for Use to 300 mA
D High-Voltage Outputs
D No Output Latch-Up at 20 V (After
Conducting 300 mA)
D High-Speed Switching
D Circuit Flexibility for Varied Applications
D TTL-Compatible Diode-Clamped Inputs
D Standard Supply Voltages
D Plastic DIP (P) With Copper Lead Frame
Provides Cooler Operation and Improved
Reliability
D Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
SUMMARY OF DEVICES
DEVICE
LOGIC OF
COMPLETE CIRCUIT
PACKAGES
SN55451B
AND
FK, JG
SN55452B
NAND
JG
SN55453B
OR
FK, JG
SN55454B
NOR
JG
SN75451B
AND
D, P
SN75452B
NAND
D, P
SN75453B
OR
D, P
SN75454B
NOR
D, P
description
The SN55451B through SN55454B and SN75451B through SN75454B are dual peripheral drivers designed
for use in systems that employ TTL logic. This family is functionally interchangeable with and replaces the
SN75450 family and the SN75450A family devices manufactured previously. The speed of the devices is equal
to that of the SN75450 family, and the parts are designed to ensure freedom from latch-up. Diode-clamped
inputs simplify circuit design. Typical applications include high-speed logic buffers, power drivers, relay drivers,
lamp drivers, MOS drivers, line drivers, and memory drivers.
The SN55451B/SN75451B, SN55452B/SN75452B, SN55453B/SN75453B, and SN55454B/SN75454B are
dual peripheral AND, NAND, OR, and NOR drivers, respectively (assuming positive logic), with the output of
the logic gates internally connected to the bases of the npn output transistors.
The SN55’ drivers are characterized for operation over the full military range of – 55
°C to 125°C. The SN75’
drivers are characterized for operation from 0
°C to 70°C.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1A
1B
1Y
GND
VCC
2B
2A
2Y
SN55451B, SN55452B,
SN55453B, SN55454B . . . JG PACKAGE
SN75451B, SN75452B,
SN75453B, SN75454B ...D OR P PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2B
NC
2A
NC
NC
1B
NC
1Y
NC
SN55451B, SN55452B
SN55453B, SN55454B . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - SN75453

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75453B TI-SN75453B Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75453B TI-SN75453B Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75453B TI-SN75453B Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75453B TI1-SN75453B Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
SN75453BD TI-SN75453BD Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results

Similar Description - SN75453

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_07 Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75477DR TI-SN75477DR Datasheet
440Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
logo
National Semiconductor ...
DS55451 NSC-DS55451 Datasheet
249Kb / 16P
   Dual Peripheral Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com