Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24PC16K0D2 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # 24PC16K0D2
Description  Unamplified, uncompensated pressure sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

24PC16K0D2 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  24PC16K0D2 Datasheet HTML 1Page - Sensortechnics GmbH 24PC16K0D2 Datasheet HTML 2Page - Sensortechnics GmbH 24PC16K0D2 Datasheet HTML 3Page - Sensortechnics GmbH 24PC16K0D2 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
24PC Series (mbar)
Unamplified, uncompensated pressure sensors
4/4
June 2005 / 602
www.sensortechnics.com
2
4
PC
xxxx
x
x
A10
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
24PC series
non compensated
Pressure range
0050:
0 - 50 mbar
0100:
0 - 100 mbar
0250:
0 - 250 mbar
01K0:
0 - 1 bar
02K0:
0 - 2 bar
05K0:
0 - 5 bar
10K0:
0 - 10 bar
16K0:
0 - 16 bar
Pressure port (Ø 5.1 mm)
Pinning
2: dual inline pinning, 2 x 2
(not available for
differential devices)
6: single inline pinning, 1 x 4
Pressure mode
D: differential pressure
G: gage pressure
ORDERING INFORMATION
OUTLINE DRAWINGS10
24PCxxxxD6A (single inline pinning, 1 x 4), differential pressure devices
mass: 2 g
dimensions in mm
P1
12,7
3 x 2,54
2,29
4 x 1,02
Ø 6,4
Ø 5,1
Ø 1,93
Ø 1,27
PIN 1
12,7
P2
4 3 2 1


Similar Part No. - 24PC16K0D2

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
24PC1000D2 SENSORTECHNICS-24PC1000D2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC1000D2A10 SENSORTECHNICS-24PC1000D2A10 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC1000D6 SENSORTECHNICS-24PC1000D6 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC1000D6A10 SENSORTECHNICS-24PC1000D6A10 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC1000DSMT SENSORTECHNICS-24PC1000DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
More results

Similar Description - 24PC16K0D2

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0035D2 SENSORTECHNICS-24PC0035D2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
logo
Honeywell Accelerometer...
NBPLANN030PGUNV HONEYWELL-ACC-NBPLANN030PGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPDLNN060PAUNV HONEYWELL-ACC-NBPDLNN060PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
NBPDANN150PAUNV HONEYWELL-NBPDANN150PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Motorola, Inc
MPX100 MOTOROLA-MPX100 Datasheet
157Kb / 8P
   100kPa Uncompensated Silicon Pressure Sensors
logo
Honeywell Accelerometer...
26PCCFB2G HONEYWELL-ACC-26PCCFB2G Datasheet
80Kb / 2P
   Pressure Sensors Gage and Differential/Unamplified
logo
Freescale Semiconductor...
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
   10 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
   10 kPa Uncompensated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com