Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN64BCT757N Datasheet(PDF) 3 Page - Texas Instruments

Part # SN64BCT757N
Description  OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN64BCT757N Datasheet(HTML) 3 Page - Texas Instruments

  SN64BCT757N Datasheet HTML 1Page - Texas Instruments SN64BCT757N Datasheet HTML 2Page - Texas Instruments SN64BCT757N Datasheet HTML 3Page - Texas Instruments SN64BCT757N Datasheet HTML 4Page - Texas Instruments SN64BCT757N Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN64BCT757
OCTAL BUFFER/DRIVER
WITH OPEN-COLLECTOR OUTPUTS
SCBS479 – MARCH 1993 – REVISED MAY 1994
3–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 2)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VOH
High-level output voltage
5.5
V
IIK
Input clamp current
–18
mA
IOL
Low-level output current
64
mA
∆t/∆VCC
Power-up ramp rate
2
µs/V
TA
Operating free-air temperature
–40
85
°C
NOTE 2: Unused or floating inputs must be held high or low.
electrical characteristics over recommended operating free-air temperature rang e (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
IOH
VCC = 4.5 V,
VOH = 5.5 V
0.1
mA
VOL
VCC = 4.5 V,
IOL = 64 mA
0.42
0.55
V
IOZ
VCC = 0 to 2.3 V (power up),
VO = 2.7 V,
OE = 0.8 V or OE = 2 V
50
µA
IOZ
VCC = 1.8 V to 0 (power down),
VO = 2.7 V,
OE = 0.8 V or OE = 2 V
50
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
–1
mA
Outputs high
34
ICC
VCC = 5.5 V,
Outputs open
Outputs low
77
mA
OE and OE inactive
10
Ci
VCC = 5 V,
VI = 2.5 V or 0.5 V
6
pF
Co
VCC = 5 V,
VO = 2.5 V or 0.5 V
4
pF
† All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics over recommended range of supply voltage, CL = 50 pF (unless
otherwise noted) (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
TA = – 40°C
to 85
°C
TA = 0°C
to 70
°C
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
Y
6.9
8.3
9.6
6.5
11.2
6.6
10.1
ns
tPHL
A
Y
2.4
4.2
6
1.9
7
2
6.6
ns
tPLH
2OE
Y
11
14.8
17.9
10.4
21.3
10.8
19.7
ns
tPHL
2OE
Y
2.9
4.6
6.2
2.6
7.5
2.6
6.9
ns
tPLH
1OE
Y
11.4
13.9
16.1
8.9
19.9
10
18
ns
tPHL
1OE
Y
4.4
6.1
7.8
4
9.2
4
8.5
ns
NOTE 3: Load circuits and voltage waveforms are shown in Section 1.


Similar Part No. - SN64BCT757N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT757 TI1-SN64BCT757 Datasheet
944Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN64BCT757DW TI1-SN64BCT757DW Datasheet
944Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN64BCT757DWG4 TI1-SN64BCT757DWG4 Datasheet
944Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN64BCT757DWR TI1-SN64BCT757DWR Datasheet
944Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN64BCT757DWRE4 TI1-SN64BCT757DWRE4 Datasheet
944Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
More results

Similar Description - SN64BCT757N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT757 TI-SN74BCT757 Datasheet
68Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN74BCT757 TI1-SN74BCT757_16 Datasheet
492Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN74BCT760-EP TI1-SN74BCT760-EP Datasheet
508Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN74BCT756 TI-SN74BCT756 Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN64BCT757 TI1-SN64BCT757_16 Datasheet
944Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
logo
NXP Semiconductors
74F756 PHILIPS-74F756 Datasheet
88Kb / 12P
   Octal inverter buffer open-collector
1989 Nov 27
logo
Texas Instruments
SN54BCT760 TI-SN54BCT760_07 Datasheet
523Kb / 15P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI-SN74ALS641A_07 Datasheet
496Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI-SN74ALS641A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54BCT760 TI-SN54BCT760 Datasheet
462Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com