Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24PC0070G5BE Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # 24PC0070G5BE
Description  Pressure sensors with special fittings and sealings
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

24PC0070G5BE Datasheet(HTML) 1 Page - Sensortechnics GmbH

  24PC0070G5BE Datasheet HTML 1Page - Sensortechnics GmbH 24PC0070G5BE Datasheet HTML 2Page - Sensortechnics GmbH 24PC0070G5BE Datasheet HTML 3Page - Sensortechnics GmbH 24PC0070G5BE Datasheet HTML 4Page - Sensortechnics GmbH 24PC0070G5BE Datasheet HTML 5Page - Sensortechnics GmbH 24PC0070G5BE Datasheet HTML 6Page - Sensortechnics GmbH 24PC0070G5BE Datasheet HTML 7Page - Sensortechnics GmbH 24PC0070G5BE Datasheet HTML 8Page - Sensortechnics GmbH 24PC0070G5BE Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
24PC/26PC Specials
Pressure sensors with special fittings and sealings
1/12
May 2008 / 593
www.sensortechnics.com
FEATURES
· 0...35 mbar to 0...17 bar
gage or differential
· High impedance bridge
· Miniature package
· Different pinning configurations
· Usable for wet/wet applications1
SPECIFICATIONS
(supply voltage, temperature limits, lead temperature,
humidity limits, mechanical shock, proof pressure...)
AND
PRESSURE SENSOR CHARACTERISTICS
(V
s=10.0 ±0.01 V, tamb=25°C, unless otherwise noted)
see individual data sheets for 24PC or 26PC series
ELECTRICAL CONNECTION
MEDIA COMPATIBILITY1
All media compatible with
port 1:
- polyetherimide
- silver-filled silicone
- silicon nitride
port 2:
- polyetherimide
- EPDM, neoprene or silicone
- silicon
Output
+
2
3
+Vs
-
1
4
Specification notes:
1.
P1 of all "gage" devices are normally vented to
atmosphere. P1 and P2 of differential devices might
be used for "wet-wet" applications, but the media
must be compatible with the materials specified under
"MEDIACOMPATIBILITY".


Similar Part No. - 24PC0070G5BE

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
24PC0070G2 SENSORTECHNICS-24PC0070G2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070G2A10 SENSORTECHNICS-24PC0070G2A10 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070G6 SENSORTECHNICS-24PC0070G6 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070G6A10 SENSORTECHNICS-24PC0070G6A10 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
More results

Similar Description - 24PC0070G5BE

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
RPUM050G6B SENSORTECHNICS-RPUM050G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
logo
Schneider Electric
VRKP4YYYYY00014 SCHNEIDER-VRKP4YYYYY00014 Datasheet
103Kb / 2P
   gearbox rotation axis with fasteners and sealings
Apr 20, 2022
logo
Endress+Hauser Group Se...
TI01133P EH-TI01133P Datasheet
1Mb / 48P
   Pressure transducer with ceramic and metal sensors
2021-03-31
logo
Sensortechnics GmbH
RBIP015AU SENSORTECHNICS-RBIP015AU Datasheet
125Kb / 9P
   Pressure sensors with analog and digital output
logo
Schneider Electric
VRKP4YYYYY00019 SCHNEIDER-VRKP4YYYYY00019 Datasheet
89Kb / 1P
   Closing 4th-axis lid with fasteners and sealings
Apr 20, 2022
logo
Baumer IVO GmbH & Co. K...
G305 IVO-G305 Datasheet
342Kb / 2P
   Special Encoders & Sensors
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
G080 IVO-G080 Datasheet
281Kb / 2P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
   Special Encoders & Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com