Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZ-24B Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # UZ-24B
Description  STANDARD ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

UZ-24B Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  UZ-24B Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. UZ-24B Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. UZ-24B Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated : 23/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
UZ Series
Characteristics ( Ta = 25 OC)
Zener Voltage
1)
Dynamic Resistance
Reverse Current
VZ (V)
RZ (Ω)
IR (µA)
Type
Min.
Max.
IZ (mA)
Max.
lZ (mA)
Max.
VR (V)
UZ-18B
16.9
19.1
UZ-18BL
16.9
18
UZ-18BM
17.1
18.9
UZ-18BH
18
19.1
5
30
5
1
15
UZ-20B
18.9
21.1
UZ-20BL
18.9
20
UZ-20BM
19.1
20.9
UZ-20BH
20
21.1
5
40
5
1
16
UZ-22B
20.9
23.1
UZ-22BL
20.9
22
UZ-22BM
21.1
22.8
UZ-22BH
22
23.1
5
40
5
1
18
UZ-24B
22.8
25.7
UZ-24BL
22.8
24.2
UZ-24BM
23.1
25.5
UZ-24BH
24.2
25.7
5
50
5
1
20
UZ-27B
25.5
30
UZ-27BL
25.5
27
UZ-27BM
25.7
28
UZ-27BH
27
30
5
55
5
1
22
UZ-30B
28
33
UZ-30BL
28
31
UZ-30BM
29
32
UZ-30BH
30
33
5
85
5
1
24
UZ-33B
30
36
5
100
5
1
25
UZ-36B
33
39
5
110
5
1
27
UZ-39B
36
43
5
120
5
1
30
UZ-43B
39
47
5
130
5
1
33
UZ-47B
43
51
5
140
5
1
36
UZ-51B
47
51
5
150
5
1
36
UZ-56B
51
62
5
160
5
1
43
UZ-62B
56
68
2
450
2
1
47
1) Tested with pulses tp = 20 ms.


Similar Description - UZ-24B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com