Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMY33B Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # ZMY33B
Description  SILICON PLANAR POWER ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZMY33B Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ZMY33B Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZMY33B Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 07/09/2005
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ZMY5B1...ZMY39B(1W)
Zener
voltage
2)
Dynamic
Resistance
Temp. coeff.
of Zener volt.
Test
current
Maximum reverse
leakage current
Admissible
Zener current
1)
TYPE
at IZT
Vz (V)
at IZT; f =1kHz
rzj
at IZT;
V Z10
-4/K
IZT (mA)
at
IR (μA)
VR(V)
at Tamb = 25
oC
IZ (mA)
ZMY5B1
4.99…5.20
2(<5)
-6...+5
100
10
1
150
ZMY5B6
5.49…5.71
1(<2)
-3...+5
100
0.5
2
135
ZMY6B2
6.07…6.32
1(<2)
-1...+6
100
0.5
3
128
ZMY6B8
6.66…6.94
1(<2)
0...+7
100
0.5
4
110
ZMY7B5
7.35…7.65
1(<2)
0...+7
100
0.5
5
100
ZMY8B2
8.04…8.36
1(<2)
+3...+8
100
0.5
6
89
ZMY9B1
8.92…9.28
2(<4)
+3...+8
50
0.5
7
82
ZMY10B
9.8…10.2
2(<4)
+5...+9
50
0.5
7.6
74
ZMY11B
10.8…11.2
3(<7)
+5...+10
50
0.5
8.4
66
ZMY12B
11.8…12.2
3(<7)
+5...+10
50
0.5
9.1
60
ZMY13B
12.7…13.3
4(<9)
+5...+10
50
0.5
9.9
55
ZMY15B
14.7…15.3
4(<9)
+5...+10
50
0.5
11.4
49
ZMY16B
15.7…16.3
5(<10)
+7...+11
25
0.5
12.2
44
ZMY18B
17.6…18.4
5(<11)
+7...+11
25
0.5
13.7
40
ZMY20B
19.6…20.4
6(<12)
+7...+11
25
0.5
15.2
36
ZMY22B
21.6…22.5
7(<13)
+7...+11
25
0.5
16.7
34
ZMY24B
23.5…24.5
8(<14)
+7...+12
25
0.5
18.2
29
ZMY27B
26.4…27.6
9(<15)
+7...+12
25
0.5
20.6
27
ZMY30B
29.4…30.6
10(<20)
+7...+12
25
0.5
22.8
25
ZMY33B
32.3…33.7
11(<20)
+7...+12
25
0.5
25.1
22
ZMY36B
35.2…36.8
25(<60)
+7...+12
10
0.5
27.4
20
ZMY39B
38.2…39.8
30(<60)
+8...+12
10
0.5
29.7
18
1) Valid provided that electrodes are kept at ambient temperature.
2) Tested with pulses tp = 20 ms


Similar Part No. - ZMY33B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMY33B DIOTEC-ZMY33B Datasheet
118Kb / 2P
   Surface Mount Silicon-Zener Diodes
More results

Similar Description - ZMY33B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com