Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR106S Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # FR106S
Description  FAST RECOVERY RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

FR106S Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  FR106S Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 23/08/2004
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
FR101S THRU FR107S
FAST RECOVERY RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 1.0 Ampere
Features
• High Current Capability
• Fast switching for high efficiency
• Exceeds Environmental Standards of MIL-S-19500/228
• 1 ampere operation at TA = 55oC with no thermal runaway
• Low Leakage.
Mechanical Data
• Case: Molded plastic, A-405
• Lead: Axial leads, solderable per MIL-STD-202, method 208 guaranteed.
• Polarity: Color band denotes cathode end
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified, single phase, half wave, 60Hz, resistive or inductive load, for
capacitive load, derate current by 20%.
Symbols
FR
101S
FR
102S
FR
103S
FR
104S
FR
105S
FR
106S
FR
107S
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Average forward rectified current .375” (9.5mm)
lead length at TA = 55
OC
I(AV)
1
Amp
Peak forward surge current
8.3mS single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
30
Amps
Maximum forward voltage
at 1A DC and 25
oC
VF
1.3
Volts
Maximum reverse current
at rated DC blocking voltage
TA = 25℃
TA = 100℃
IR
5
500
µA
Maximum reverse recovery time (Note 1)
Trr
150
250
500
nS
Typical junction capacitance (Note 2)
CJ
12
pF
Typical thermal resistance (Note3)
RΘJA
67
/W
Operating and storage temperature range
TJ ,TS
-55 to +150
1) Reverse recovery test conditions: IF = 0.5A, IR = 1A, Irr = 0.25A.
2) Measured at 1MHZ and applied reverse voltage of 4 VDC .
3) Thermal resistance junction to ambient and form junction to lead at 0.375” (9.5mm) lead length P.C.B. mounted.


Similar Part No. - FR106S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FR106S TSC-FR106S Datasheet
63Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Microdiode Electronics ...
FR106S CHENDA-FR106S Datasheet
669Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR106S TSC-FR106S Datasheet
256Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
HY ELECTRONIC CORP.
FR106S HY-FR106S Datasheet
827Kb / 3P
   Fast Recovery Recitifiers
logo
Shanghai Shunye Electro...
FR106S SY-FR106S Datasheet
1Mb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - FR106S

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com