Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN64BCT245DW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN64BCT245DW
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN64BCT245DW Datasheet(HTML) 3 Page - Texas Instruments

  SN64BCT245DW Datasheet HTML 1Page - Texas Instruments SN64BCT245DW Datasheet HTML 2Page - Texas Instruments SN64BCT245DW Datasheet HTML 3Page - Texas Instruments SN64BCT245DW Datasheet HTML 4Page - Texas Instruments SN64BCT245DW Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN64BCT245
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCBS040A – JANUARY 1990 – REVISED JANUARY 1994
3–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
Any A
IOH = –1 mA
2.5
3.4
VOH
Any A or B
VCC = 4.5 V
IOH = – 3 mA
2.4
3.3
V
Any B
IOH = –15 mA
2
3.1
VOL
Any A
VCC =4 5V
IOL = 24 mA
0.35
0.5
V
VOL
Any B
VCC = 4.5 V
IOL = 64 mA
0.42
0.55
V
Power up
VCC =0to2 3V
VO = 2.7 V
OE at 0 8 V
70
µA
IOZ
Power up
VCC = 0 to 2.3 V
VO = 0.5 V
OE at 0.8 V
– 0.65
mA
IOZ
Power down
VCC =1 8Vto0
VO = 2.7 V
OE at 0 8 V
70
µA
Power down
VCC = 1.8 V to 0
VO = 0.5 V
OE at 0.8 V
– 0.65
mA
I ‡
A and B
VCC =5 5V
VI =5 5V
1
mA
II‡
DIR and OE
VCC = 5.5 V,
VI = 5.5 V
0.1
mA
I
A and B
VCC =5 5V
VI =2 7V
70
µA
IIH‡
DIR and OE
VCC = 5.5 V,
VI = 2.7 V
20
µA
I
A and B
VCC =5 5V
VI =0 5V
– 0.65
mA
IIL
DIR and OE
VCC = 5.5 V,
VI = 0.5 V
–1.2
mA
I
§
Any A
VCC =5 5V
VO =0
–60
–150
mA
IOS§
Any B
VCC = 5.5 V,
VO = 0
–100
– 225
mA
ICCH
A-to-B
VCC = 5.5 V
36
57
ICCL
A-to-B
VCC = 5.5 V
57
90
mA
ICCZ
VCC = 5.5 V
10
15
Ci
OE and DIR
VCC = 5 V,
VI = 2.5 V or 0.5 V
7
pF
Ci
A to B
VCC =5V
VI =2 5Vor0 5V
9
pF
Cio
B to A
VCC = 5 V,
VI = 2.5 V or 0.5 V
12
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
switching characteristics (see Note 2)
PARAMETER
FROM
()
TO
(O
)
VCC = 5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
UNIT
PARAMETER
(INPUT)
(OUTPUT)
R2 = 500
Ω,
TA = 25°C
TA = – 40°C
to 85
°C
TA = 0°C
to 70
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
1
6
1
7.2
1
7
ns
tPHL
A or B
B or A
1.5
6.6
1.5
7.6
1.5
7
ns
tPZH
OE
AorB
1.5
9.4
1.5
11.2
1.5
10.9
ns
tPZL
OE
A or B
1.5
10.2
1.5
11.8
1.5
11.6
ns
tPHZ
OE
AorB
1.5
8.3
1.5
9.7
1.5
9.3
ns
tPLZ
OE
A or B
1.5
7.8
1.5
9.6
1.5
9.1
ns
NOTE 2: Load circuits and voltage waveforms are shown in Section 1.


Similar Part No. - SN64BCT245DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT245DW TI1-SN64BCT245DW Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245DWG4 TI1-SN64BCT245DWG4 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN64BCT245DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11620 TI1-74ACT11620 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com