Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM08790-47L Datasheet(PDF) 1 Page - Stealth Microwave, Inc.

Part # SM08790-47L
Description  870-900MHz 50 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM08790-47L Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM08790-47L Datasheet HTML 1Page - Stealth Microwave, Inc. SM08790-47L Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM08790-47L
870-900MHz
50 Watt Linear Power Amplifier
FOR BWA APPLICATIONS
Parameter
Specification
Frequency Range
870 - 900 MHz
Pout (P1dB)
+ 47 dBm
Third Order Intercept
Point
+ 66 dBm
Linear Gain
55 dB ± 1 dB
Gain Flatness over Full
Band
± .5 dB
Input/Output Return Loss
-16 dB / -18 dB
DC Input Voltage
+ 12 Volts
DC Input Current
15 Amps. (operational)
Mechanical Dimensions
Without Heatsink
7.5 x 4.0 x 0.8 Inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
Up to 95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
The SM08790-47L is a solid state GaAs
amplifier
designed
for
the
Broadband
Wireless Access market. This unit operates
from 870-900 MHz, provides 55 dB of gain
with ± 0.5 dB of flatness, and has a P1dB of
+47 dBm. Stealth Microwave’s proprietary
linearization technique provides a much
greater OIP3 compared to conventional
amplifiers. Its compact size and ultra high
linearity make this amplifier ideally suited
for TD-CDMA and WiMAX applications.
Features
• Single Power Supply
• Over Voltage Protection
• Thermal Protection with Auto Reset
• Temperature Compensation
Options
• Forward/Reverse Power Detection
• RF Sampling
• Pulse Control with switching speeds
up to 100 kHz
• Logic On/Off Control
• Integral Heatsink


Similar Part No. - SM08790-47L

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM08790-47LDL STEALTH_MICROWAVE-SM08790-47LDL Datasheet
114Kb / 2P
   869-896 MHz 50 Watt Linear Power Amplifier
More results

Similar Description - SM08790-47L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
   3V 900MHz LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
   3V 900MHz LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163_1 Datasheet
216Kb / 10P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
   3V 900MHZ LINEAR AMPLIFIER
RF3163 RFMD-RF3163 Datasheet
89Kb / 10P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_06 Datasheet
60Kb / 6P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com