Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTZJ5V6C Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # MTZJ5V6C
Description  ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MTZJ5V6C Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  MTZJ5V6C Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MTZJ5V6C Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. MTZJ5V6C Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. MTZJ5V6C Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dated : 25/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
MTZJ Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Operating Resistance
Rising Operating Resistance
Reverse Current
VZ (V)
ZZ (Ω)
ZZK (Ω)
IR (µA)
Type
Min.
Max.
IZ (mA)
Max.
IZ (mA)
Max.
IZ (mA)
Max.
VR (V)
MTZJ39A
34.68
36.47
MTZJ39B
35.36
37.19
MTZJ39C
36
37.85
MTZJ39D
36.63
38.52
MTZJ39E
37.36
39.29
MTZJ39F
38.14
40.11
MTZJ39G
38.94
40.8
5
85
5
250
0.5
0.2
30
MTZJ43
40
45
5
90
5
250
0.5
0.2
33
MTZJ47
44
49
5
90
5
250
0.5
0.2
36
MTZJ51
48
54
5
110
5
250
0.5
0.2
39
MTZJ56
53
60
5
110
5
250
0.5
0.2
43
1) Tested with pulses tp = 20 ms.
Zener voltage Vz (v)
Fig.1- Zener Characteristics
3.6
10
0
2
6
4
8
1
12
10
14
18
16
20
1m
3.9
100
10m
4.3
5.1
100m
26
22
24
28
30
34
32
36
40
38
Pd=500mW
600
0
AMBIENT TEMPERATURE Ta ( C )
050
25
150
100
200
175
300
100
200
400
500
Fig. 2 Derating curve
700
Iz=10mA
0.08
ZENER VOLTAGE Vz (v)
20
0
10
2
0.06
0.04
0.02
Iz=10mA
Iz=5mA
0.06
0.02
0.04
40
50
30
Fig. 3 Zener voltage
temp. coeffient characteristics
0.08
0.10
Iz=5mA


Similar Part No. - MTZJ5V6C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ5V6 TSC-MTZJ5V6 Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Yea Shin Technology Co....
MTZJ5V6 YEASHIN-MTZJ5V6 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
MTZJ5V6 TSC-MTZJ5V6 Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
MTZJ5V6S TSC-MTZJ5V6S Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
More results

Similar Description - MTZJ5V6C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com