Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4V7BSB Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part No. 4V7BSB
Description  SILICON PLANAR ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Homepage  http://www.semtech.net.cn
Logo 

   
 3 page
background image
Dated : 25/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BS Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Maximum Dynamic
Resistance
Reverse Leakage
Current
2) (I
R at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
(Ω) at
lZT
lZT (mA)
IR (µA) Max.
VR (V)
5V6BS
5.29
5.88
5V6BSA
5.29
5.52
5V6BSB
5.46
5.7
5V6BSC
5.64
5.88
5
40
5
5
2.5
6V2BS
5.81
6.4
6V2BSA
5.81
6.06
6V2BSB
5.99
6.24
6V2BSC
6.16
6.4
5
30
5
5
3
6V8BS
6.32
6.97
6V8BSA
6.32
6.59
6V8BSB
6.52
6.79
6V8BSC
6.70
6.97
5
25
5
2
3.5
7V5BS
6.88
7.64
7V5BSA
6.88
7.19
7V5BSB
7.11
7.41
7V5BSC
7.33
7.64
5
25
5
0.5
4
8V2BS
7.56
8.41
8V2BSA
7.56
7.9
8V2BSB
7.82
8.15
8V2BSC
8.07
8.41
5
20
5
0.5
5
9V1BS
8.33
9.29
9V1BSA
8.33
8.7
9V1BSB
8.61
8.99
9V1BSC
8.89
9.29
5
20
5
0.5
6
10BS
9.19
10.3
10BSA
9.19
9.59
10BSB
9.48
9.9
10BSC
9.82
10.3
5
20
5
0.2
7
1) Tested with pulse tp = 20 ms.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84CSILICON PLANAR ZENER DIODES 1 2 3 SEMTECH ELECTRONICS LTD.
BZV85CSILICON PLANAR POWER ZENER DIODES 1 2 3 SEMTECH ELECTRONICS LTD.
BZX55T2V4SILICON EPITAXIAL PLANAR ZENER DIODES 1 2 3 4 SEMTECH ELECTRONICS LTD.
BZT2V0SILICON PLANAR ZENER DIODES 1 2 SEMTECH ELECTRONICS LTD.
BZX15CSILICON PLANAR ZENER DIODES 1 2 Semtech Corporation
ZS3C-1SILICON PLANAR ZENER DIODES 1 SEMTECH ELECTRONICS LTD.
BZX79CSILICON PLANAR ZENER DIODES 1 2 3 SEMTECH ELECTRONICS LTD.
BZX83CSILICON EPITAXIAL PLANAR ZENER DIODES 1 2 SEMTECH ELECTRONICS LTD.
BZT55C2V4SILICON EPITAXIAL PLANAR ZENER DIODES 1 2 3 4 5 SEMTECH ELECTRONICS LTD.
BZT52C3V0Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflahenmontage 1 2 Diotec Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl