Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4V7BS Datasheet(PDF) 5 Page - SEMTECH ELECTRONICS LTD.

Part No. 4V7BS
Description  SILICON PLANAR ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Homepage  http://www.semtech.net.cn
Logo 

   
 5 page
background image
Dated : 25/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BS Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Maximum Dynamic
Resistance
Reverse Leakage
Current
2) (I
R at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
(Ω) at
lZT
lZT (mA)
IR (µA) Max.
VR (V)
27BS
24.26
27.64
27BSA
24.26
25.52
27BSB
24.97
26.26
27BSC
25.63
26.95
27BSD
26.29
27.64
5
45
5
0.2
21
30BS
26.99
30.51
30BSA
26.99
28.39
30BSB
27.7
29.13
30BSC
28.36
29.82
30BSD
29.02
30.51
5
55
5
0.2
23
33BS
29.68
33.11
33BSA
29.68
31.22
33BSB
30.32
31.88
33BSC
30.9
32.5
33BSD
31.49
33.11
5
65
5
0.2
25
36BS
32.14
35.77
36BSA
32.14
33.79
36BSB
32.79
34.49
36BSC
33.4
35.13
36BSD
34.01
35.77
5
75
5
0.2
27
39BS
34.68
38.52
39BSA
34.68
36.47
39BSB
35.36
37.19
39BSC
36
37.85
39BSD
36.63
38.52
5
85
5
0.2
30
1) Tested with pulse tp = 20 ms.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84CSILICON PLANAR ZENER DIODES 1 2 3 SEMTECH ELECTRONICS LTD.
BZV85CSILICON PLANAR POWER ZENER DIODES 1 2 3 SEMTECH ELECTRONICS LTD.
BZX55T2V4SILICON EPITAXIAL PLANAR ZENER DIODES 1 2 3 4 SEMTECH ELECTRONICS LTD.
BZT2V0SILICON PLANAR ZENER DIODES 1 2 SEMTECH ELECTRONICS LTD.
BZX15CSILICON PLANAR ZENER DIODES 1 2 Semtech Corporation
ZS3C-1SILICON PLANAR ZENER DIODES 1 SEMTECH ELECTRONICS LTD.
BZX79CSILICON PLANAR ZENER DIODES 1 2 3 SEMTECH ELECTRONICS LTD.
BZX83CSILICON EPITAXIAL PLANAR ZENER DIODES 1 2 SEMTECH ELECTRONICS LTD.
BZT55C2V4SILICON EPITAXIAL PLANAR ZENER DIODES 1 2 3 4 5 SEMTECH ELECTRONICS LTD.
BZT52C3V0Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflahenmontage 1 2 Diotec Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl