Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD3V9EB Datasheet(PDF) 7 Page - SEMTECH ELECTRONICS LTD.

Part # RD3V9EB
Description  ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RD3V9EB Datasheet(HTML) 7 Page - SEMTECH ELECTRONICS LTD.

  RD3V9EB Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. RD3V9EB Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. RD3V9EB Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. RD3V9EB Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. RD3V9EB Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. RD3V9EB Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD. RD3V9EB Datasheet HTML 7Page - SEMTECH ELECTRONICS LTD. RD3V9EB Datasheet HTML 8Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Dated : 23/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
AMBIENT TEMPERATURE( C)
500
0
40
400
300
200
100
600
80
120
160
o
=5mm
P.C Board
7mm
t=0.035
200
RD130E to RD200E
P - Ta Rating
RD2V0E…RD200E
TYP
Ta=25 C
RD120E
RD2.0E
RD20E
RD4.7E
RD3.9E
10
0.01
1
Iz - Zener Current - mA
RD5.6E
0.1
1
RD51E
RD100E
RD15E
DYNAMIC IMPEDANCE vs.
ZENER CURRENT
1000
10
100
RD10E
RD91E
RD7.5E
RD39E
RD2.0E
RD3.3E
100
to
RD190E
Iz - Zener Current -mA
RD150E
0.01
10
1000
100
0.1
RD140E
RD130E
1
10
RD160E
RD170E
RD180E
TYP.
Ta=25 C
RD130E to RD200E
DYNAMIC IMPEDANCE vs.
ZENER CURRENT
10000
RD200E
0
200
100
300
400
500
600
7mm
t=0.035
P.C Board
o
AMBIENT TEMPERATURE( C)
RD2.0E to RD120E
=10mm
80
40
3 mm
t=0.035
P.C Board
120
P - Ta Rating
=10mm
=5mm
160
200
200
300
400
500
600
0
100
S - SIZE OF P.C BOARD - MM
THERMAL RESISTANCE vs.
SIZE OF P. C BOARD
=5mm
20
40
60
=10mm
P.C Board
100
2
80
100
0
300
200
Junction to ambient
RD2.0E to RD120E
600
500
400
Junction to ambient
RD130E to RD200E
S - SIZE OF P.C BOARD - MM
=5mm
20
40
60
80
THERMAL RESISTANCE vs.
SIZE OF P. C BOARD
P.C Board
100
2


Similar Part No. - RD3V9EB

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RD3V9 YEASHIN-RD3V9 Datasheet
841Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - RD3V9EB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com