Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4V7HCA Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part No. 4V7HCA
Description  SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Homepage  http://www.semtech.net.cn
Logo 

   
 2 page
background image
Dated : 22/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
HC Series
Characteristics at Tj = 25 OC
Zener Voltage
1)
Dynamic Resistance
Reverse Leakage Current (IR at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
(Ω) Max. at lZT
lZT (mA)
IR (µA) Max.
VR (V)
2V2HC
2.09
2.41
2V2HCA
2.12
2.3
2V2HCB
2.22
2.41
20
120
20
120
0.7
2V4HC
2.3
2.64
2V4HCA
2.33
2.52
2V4HCB
2.43
2.63
20
120
20
120
1
2V7HC
2.5
2.9
2V7HCA
2.54
2.75
2V7HCB
2.69
2.91
20
100
20
100
1
3V0HC
2.8
3.2
3V0HCA
2.85
3.07
3V0HCB
3.01
3.22
20
80
20
50
1
3V3HC
3.1
3.5
3V3HCA
3.16
3.38
3V3HCB
3.32
3.53
20
70
20
20
1
3V6HC
3.4
3.8
3V6HCA
3.47
3.68
3V6HCB
3.62
3.83
20
60
20
10
1
3V9HC
3.7
4.1
3V9HCA
3.77
3.98
3V9HCB
3.92
4.14
20
50
20
5
1
4V3HC
4
4.5
4V3HCA
4.05
4.26
4V3HCB
4.2
4.4
4V3HCC
4.34
4.53
20
40
20
5
1
4V7HC
4.4
4.9
4V7HCA
4.47
4.65
4V7HCB
4.59
4.77
4V7HCC
4.71
4.91
20
25
20
5
1
5V1HC
4.8
5.4
5V1HCA
4.85
5.03
5V1HCB
4.97
5.18
5V1HCC
5.12
5.35
20
20
20
5
1.5
5V6HC
5.3
6
5V6HCA
5.29
5.52
5V6HCB
5.46
5.7
5V6HCC
5.64
5.88
20
13
20
5
2.5
1) Tested with pulse tp = 20 ms.




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84CSILICON PLANAR ZENER DIODES 1 2 3 SEMTECH ELECTRONICS LTD.
BZV85CSILICON PLANAR POWER ZENER DIODES 1 2 3 SEMTECH ELECTRONICS LTD.
BZX55T2V4SILICON EPITAXIAL PLANAR ZENER DIODES 1 2 3 4 SEMTECH ELECTRONICS LTD.
BZT2V0SILICON PLANAR ZENER DIODES 1 2 SEMTECH ELECTRONICS LTD.
BZX15CSILICON PLANAR ZENER DIODES 1 2 Semtech Corporation
ZS3C-1SILICON PLANAR ZENER DIODES 1 SEMTECH ELECTRONICS LTD.
BZX79CSILICON PLANAR ZENER DIODES 1 2 3 SEMTECH ELECTRONICS LTD.
BZX83CSILICON EPITAXIAL PLANAR ZENER DIODES 1 2 SEMTECH ELECTRONICS LTD.
BZT55C2V4SILICON EPITAXIAL PLANAR ZENER DIODES 1 2 3 4 5 SEMTECH ELECTRONICS LTD.
BZT52C3V0Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflahenmontage 1 2 Diotec Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl