Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2V4BS Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # 2V4BS
Description  SILICON PLANAR ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

2V4BS Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  2V4BS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 2V4BS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 2V4BS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 2V4BS Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. 2V4BS Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. 2V4BS Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dated : 25/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BS Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Maximum Dynamic
Resistance
Reverse Leakage
Current
2) (I
R at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
(Ω) at
lZT
lZT (mA)
IR (µA) Max.
VR (V)
2V0BS
1.88
2.2
2V0BSA
1.88
2.1
2V0BSB
2.02
2.2
5
100
5
120
0.5
2V2BS
2.12
2.41
2V2BSA
2.12
2.3
2V2BSB
2.22
2.41
5
100
5
120
0.7
2V4BS
2.33
2.63
2V4BSA
2.33
2.52
2V4BSB
2.43
2.63
5
100
5
120
1
2V7BS
2.54
2.91
2V7BSA
2.54
2.75
2V7BSB
2.69
2.91
5
110
5
100
1
3V0BS
2.85
3.22
3V0BSA
2.85
3.07
3V0BSB
3.01
3.22
5
120
5
50
1
3V3BS
3.16
3.53
3V3BSA
3.16
3.38
3V3BSB
3.32
3.53
5
120
5
20
1
3V6BS
3.47
3.83
3V6BSA
3.47
3.68
3V6BSB
3.62
3.83
5
120
5
10
1
3V9BS
3.77
4.14
3V9BSA
3.77
3.98
3V9BSB
3.92
4.14
5
120
5
5
1
4V3BS
4.05
4.53
4V3BSA
4.05
4.26
4V3BSB
4.2
4.4
4V3BSC
4.34
4.53
5
120
5
5
1
4V7BS
4.47
4.91
4V7BSA
4.47
4.65
4V7BSB
4.59
4.77
4V7BSC
4.71
4.91
5
100
5
5
1
5V1BS
4.85
5.35
5V1BSA
4.85
5.03
5V1BSB
4.97
5.18
5V1BSC
5.12
5.35
5
70
5
5
1.5
1) Tested with pulse tp = 20 ms.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.


Similar Part No. - 2V4BS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V4BC SEMTECH_ELEC-2V4BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
2V4BCA SEMTECH_ELEC-2V4BCA Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
2V4BCB SEMTECH_ELEC-2V4BCB Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
More results

Similar Description - 2V4BS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com