Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT-RLZ3V0B Datasheet(PDF) 5 Page - SEMTECH ELECTRONICS LTD.

Part # BZT-RLZ3V0B
Description  SILICON EPITAXIAL PLANAR ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZT-RLZ3V0B Datasheet(HTML) 5 Page - SEMTECH ELECTRONICS LTD.

  BZT-RLZ3V0B Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZT-RLZ3V0B Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BZT-RLZ3V0B Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BZT-RLZ3V0B Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. BZT-RLZ3V0B Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Dated : 10/07/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BZT-RLZ Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Operating Resistance
Rising Operating Resistance
Reverse Current
VZ (V)
ZZ (Ω)
ZZK (Ω)
IR (µA)
Type
Min.
Max.
lZ (mA)
Max.
lZ (mA)
Max.
lZ (mA)
Max.
VR (V)
BZT-RLZ33D
31.49
33.11
5
65
5
250
0.5
0.2
25
BZT-RLZ36
34
38
5
75
5
250
0.5
0.2
27
BZT-RLZ36A
32.14
33.79
5
75
5
250
0.5
0.2
27
BZT-RLZ36B
32.79
34.49
5
75
5
250
0.5
0.2
27
BZT-RLZ36C
33.40
35.13
5
75
5
250
0.5
0.2
27
BZT-RLZ36D
34.01
35.77
5
75
5
250
0.5
0.2
27
BZT-RLZ39
37
41
5
85
5
250
0.5
0.2
30
BZT-RLZ39A
34.68
36.47
5
85
5
250
0.5
0.2
30
BZT-RLZ39B
35.36
37.19
5
85
5
250
0.5
0.2
30
BZT-RLZ39C
36.00
37.85
5
85
5
250
0.5
0.2
30
BZT-RLZ39D
36.63
38.52
5
85
5
250
0.5
0.2
30
1) Tested with pulses tp = 20 ms.


Similar Part No. - BZT-RLZ3V0B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT03 PHILIPS-BZT03 Datasheet
46Kb / 9P
   Voltage regulator diodes
1996 Jun 11
logo
Galaxy Semi-Conductor H...
BZT03 BILIN-BZT03 Datasheet
182Kb / 4P
   ZENER DIODES
logo
Vishay Siliconix
BZT03 VISHAY-BZT03 Datasheet
261Kb / 5P
   Silicon Zener-Diodes with Surge Current Specification
Rev. 4, 10-Sep-03
BZT03 VISHAY-BZT03 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
BZT03 VISHAY-BZT03 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
More results

Similar Description - BZT-RLZ3V0B

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com