Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75118N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75118N
Description  DIFFERENTIAL LINE TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75118N Datasheet(HTML) 4 Page - Texas Instruments

  SN75118N Datasheet HTML 1Page - Texas Instruments SN75118N Datasheet HTML 2Page - Texas Instruments SN75118N Datasheet HTML 3Page - Texas Instruments SN75118N Datasheet HTML 4Page - Texas Instruments SN75118N Datasheet HTML 5Page - Texas Instruments SN75118N Datasheet HTML 6Page - Texas Instruments SN75118N Datasheet HTML 7Page - Texas Instruments SN75118N Datasheet HTML 8Page - Texas Instruments SN75118N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN55116, SN75116, SN75117, SN75118, SN75119
DIFFERENTIAL LINE TRANSCEIVERS
SLLS073D – MAY 1976 – REVISED MAY 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematics of inputs and outputs
7 k
NOM
EQUIVALENT OF
EACH DRIVER INPUT
AND EACH RE AND RS INPUT
VCC
Input
4 k
NOM
EQUIVALENT OF
EACH RECEIVER INPUT
(EXCLUDING ENABLES AND STROBES)
VCC
1 pF NOM
Input
8 k
NOM
130
NOM
TYPICAL OF ALL OUTPUTS
VCC
R
Pullup
output†
Driver output R = 9
Ω NOM
Receiver output R = 20
Ω NOM
Sink
output†
† On SN75117 and SN75119, common outputs
replace the separate pullup and sink outputs.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VCC (see Notes 1 and 2)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI: DA, DB, DE, DI, RE, and RS
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
RA, RB, RT for ’116, SN75118 only
±25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
A and B for SN75117, SN75119 only
0 to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state voltage applied to open-collector outputs: ’116, SN75118 only
12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation (see Note 2)
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds, TC: FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J package
300
°C
. . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D, N, or P package
260
°C
. . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to the network ground terminal.
2. In the FK and J packages, the SN55116 chip is alloy mounted. The SN75116, SN75117, SN75118, and SN75119 chips are glass
mounted.


Similar Part No. - SN75118N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75118N TI-SN75118N Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN75118N TI1-SN75118N Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
More results

Similar Description - SN75118N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI1-SN55116_14 Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_13 Datasheet
311Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677_07 Datasheet
421Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com