Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55LBC174 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN55LBC174
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55LBC174 Datasheet(HTML) 1 Page - Texas Instruments

  SN55LBC174 Datasheet HTML 1Page - Texas Instruments SN55LBC174 Datasheet HTML 2Page - Texas Instruments SN55LBC174 Datasheet HTML 3Page - Texas Instruments SN55LBC174 Datasheet HTML 4Page - Texas Instruments SN55LBC174 Datasheet HTML 5Page - Texas Instruments SN55LBC174 Datasheet HTML 6Page - Texas Instruments SN55LBC174 Datasheet HTML 7Page - Texas Instruments SN55LBC174 Datasheet HTML 8Page - Texas Instruments SN55LBC174 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN55LBC174
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SGLS082 – MARCH 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets EIA Standard RS-485
D Designed for High-Speed Multipoint
Transmission on Long Bus Lines in Noisy
Environments
D Supports Data Rates up to and Exceeding
Ten Million Transfers Per Second
D Common-Mode Output Voltage Range of
– 7 V to 12 V
D Positive- and Negative-Current Limiting
D Low Power Consumption... 1.5 mA Max
(Output Disabled)
description
The SN55LBC174 is composed of monolithic
quadruple differential line drivers with 3-state
outputs. This device is designed to meet the
requirements
of
the
Electronics
Industry
Association (EIA) Standard RS-485 and is
optimized
for
balanced
multipoint
bus
transmission at data rates up to and exceeding 10
million bits per second. Each driver features wide
positive and negative common-mode output
voltage
ranges,
current
limiting,
and
thermal-shutdown protection making it suitable
for party-line applications in noisy environments.
This device is designed using LinBiCMOS
™,
facilitating ultra-low power consumption and
inherent robustness.
The SN55LBC174 provides positive and negative-current limiting and thermal shutdown for protection from line
fault conditions on the transmission bus line. This device offers optimum performance when used with the
SN55LBC173 quadruple line receiver. The SN55LBC174 is available in the 16-pin CDIP package (J), the 16-pin
CPAK (W), or the 20-pin LCCC package (FK).
The SN55LBC174 is characterized for operation over the military temperature range of – 55
°C to 125°C.
FUNCTION TABLE
(each driver)
INPUT
ENABLE
OUTPUTS
INPUT
ENABLE
Y
Z
H
H
H
L
L
H
L
H
X
L
Z
Z
H = high level, L = low level, X = irrelevant,
Z = high impedance (off)
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
1, 2EN
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
3, 4EN
3Z
3Y
3A
J OR W PACKAGE
(TOP VIEW)
NC – No internal connection
FK PACKAGE
(TOP VIEW)
19
20
1
32
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
4Y
4Z
NC
3, 4EN
3Z
3Z
1, 2EN
NC
2Z
2Y
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinBiCMOS is a trademark of Texas Instruments Incorporated.


Similar Part No. - SN55LBC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC174 TI1-SN55LBC174 Datasheet
305Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN55LBC174J TI1-SN55LBC174J Datasheet
305Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174_14 Datasheet
305Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN55LBC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC172 TI-SN55LBC172_07 Datasheet
392Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172 TI-SN55LBC172 Datasheet
177Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI-SN65LBC172 Datasheet
157Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI1-SN65LBC172_16 Datasheet
1Mb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174_14 Datasheet
305Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com