Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZK4B Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # HZK4B
Description  SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

HZK4B Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  HZK4B Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. HZK4B Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. HZK4B Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 22/01/2005
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
HZK Series
SILICON EPITAXIAL PLANAR ZENER DIODES
for Stabilized Power Supply
Features
LLD package is suitable for high-density surface mounting
and high speed assembly.
Low leakage, low zener impedance and maximum
power dissipation of 500 mW.
Wide spectrum from 1.9V through 38V of zener
voltage provide flexible application.
Absolute Maximum Ratings (Ta = 25
oC)
Symbol
Value
Unit
Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
175
OC
Storage Temperature Range
TS
-55 to +175
OC
Note: With P.C. Board.
LL-34


Similar Part No. - HZK4B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZK4B RENESAS-HZK4B Datasheet
49Kb / 7P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
HZK4BLL RENESAS-HZK4BLL Datasheet
46Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Hard Knee Low Noise
More results

Similar Description - HZK4B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZK6C RENESAS-HZK6C Datasheet
49Kb / 7P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Renesas Technology Corp
HZK-L RENESAS-HZK-L Datasheet
47Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
1N4728A RENESAS-1N4728A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
HZS-N RENESAS-HZS-N Datasheet
57Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com