Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55ALS161W Datasheet(PDF) 5 Page - Texas Instruments

Part # SN55ALS161W
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55ALS161W Datasheet(HTML) 5 Page - Texas Instruments

  SN55ALS161W Datasheet HTML 1Page - Texas Instruments SN55ALS161W Datasheet HTML 2Page - Texas Instruments SN55ALS161W Datasheet HTML 3Page - Texas Instruments SN55ALS161W Datasheet HTML 4Page - Texas Instruments SN55ALS161W Datasheet HTML 5Page - Texas Instruments SN55ALS161W Datasheet HTML 6Page - Texas Instruments SN55ALS161W Datasheet HTML 7Page - Texas Instruments SN55ALS161W Datasheet HTML 8Page - Texas Instruments SN55ALS161W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN55ALS161, SN75ALS161
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SLLS019E – JUNE 1986 – REVISED NOVEMBER 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Low-level driver output current, IOL
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DW package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
69
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds: FK package, TC
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from the case for 60 seconds: J or W package
300
°C
. . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from the case for 10 seconds: DW or N package
260
°C
. . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to network ground terminal.
2. The package thermal impedance is calculated in accordance with JESD 51.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
OPERATING
FACTOR
TA = 70°C
POWER RATING
TA = 125°C
POWER RATING
FK
1375 mW
11.0 mW/
°C
880 mW
275 mW
J
1375 mW
11.0 mW/
°C
880 mW
275 mW
W
1000 mW
8.0 mW/
°C
640 mW
200 mW
SN55ALS161 recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
TE and DC at TA = – 55°C to 125°C
2
High-level input voltage, VIH
Bus and terminal at TA = 25°C to 125°C
2
V
Bus and terminal at TA = – 55°C
2.1
TE and DC at TA = – 55°C to 125°C
0.8
Low-level input voltage, VIL
Bus and terminal at TA = 25°C to – 55°C
0.8
V
Bus and terminal at TA = 125°C
0.7
High level output current IOH
Bus ports with pullups active (VCC = 5 V)
–5.2
mA
High-level output current, IOH
Terminal ports
–800
µA
Low level output current IOL
Bus ports
48
mA
Low-level output current, IOL
Terminal ports
16
mA
Operating free-air temperature, TA
–55
125
°C


Similar Part No. - SN55ALS161W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160FK TI-SN55ALS160FK Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160J TI-SN55ALS160J Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160W TI-SN55ALS160W Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results

Similar Description - SN55ALS161W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75160A RENESAS-HD75160A Datasheet
162Kb / 13P
   Octal General Purpose Interface Bus Transceivers
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com