Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT55C3V3 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BZT55C3V3
Description  SILICON EPITAXIAL PLANAR ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZT55C3V3 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BZT55C3V3 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZT55C3V3 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BZT55C3V3 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BZT55C3V3 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. BZT55C3V3 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dated : 12/01/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BZT55 Series
Zener Voltage Range
1)
Dynamic Resistance
Reverse Leakage Current
Temp Coefficient
of Zener Voltage
lZT for
VZT
rzjT
rzjK at IZK
Ta = 25 OCTa = 150 OC
IR at VR
TKvz
Type
mA
V
mA
µA
µA
V
%/K
BZT55C2V4
5
2.28...2.56
< 85
< 600
1
< 50
< 100
1
-0.09...-0.06
BZT55C2V7
5
2.5...2.9
< 85
< 600
1
< 10
< 50
1
-0.09...-0.06
BZT55C3V0
5
2.8...3.2
< 90
< 600
1
< 4
< 40
1
-0.08...-0.05
BZT55C3V3
5
3.1...3.5
< 90
< 600
1
< 2
< 40
1
-0.08...-0.05
BZT55C3V6
5
3.4...3.8
< 90
< 600
1
< 2
< 40
1
-0.08...-0.05
BZT55C3V9
5
3.7...4.1
< 90
< 600
1
< 2
< 40
1
-0.08...-0.05
BZT55C4V3
5
4.0...4.6
< 90
< 600
1
< 1
< 20
1
-0.06...-0.03
BZT55C4V7
5
4.4...5.0
< 80
< 600
1
< 0.5
< 10
1
-0.05...0.02
BZT55C5V1
5
4.8...5.4
< 60
< 550
1
< 0.1
< 2
1
-0.02...0.02
BZT55C5V6
5
5.2...6.0
< 40
< 450
1
< 0.1
< 2
1
-0.05...+0.05
BZT55C6V2
5
5.8...6.6
< 10
< 200
1
< 0.1
< 2
2
0.03...0.06
BZT55C6V8
5
6.4...7.2
< 8
< 150
1
< 0.1
< 2
3
0.03...0.07
BZT55C7V5
5
7.0...7.9
< 7
< 50
1
< 0.1
< 2
5
0.03...0.07
BZT55C8V2
5
7.7...8.7
< 7
< 50
1
< 0.1
< 2
6.2
0.03...0.08
BZT55C9V1
2)
5
8.5...9.6
< 10
< 50
1
< 0.1
< 2
6.8
0.03...0.09
BZT55C10
2)
5
9.4...10.6
< 15
< 70
1
< 0.1
< 2
7.5
0.03...0.10
BZT55C11
2)
5
10.4...11.6
< 20
< 70
1
< 0.1
< 2
8.2
0.03...0.11
BZT55C12
2)
5
11.4...12.7
< 20
< 90
1
< 0.1
< 2
9.1
0.03...0.11
BZT55C13
2)
5
12.4...14.1
< 26
< 110
1
< 0.1
< 2
10
0.03...0.11
BZT55C15
2)
5
13.8...15.6
< 30
< 110
1
< 0.1
< 2
11
0.03...0.11
BZT55C16
2)
5
15.3...17.1
< 40
< 170
1
< 0.1
< 2
12
0.03...0.11
BZT55C18
2)
5
16.8...19.1
< 50
< 170
1
< 0.1
< 2
13
0.03...0.11
BZT55C20
2)
5
18.8...21.2
< 55
< 220
1
< 0.1
< 2
15
0.03...0.11
BZT55C22
2)
5
20.8...23.3
< 55
< 220
1
< 0.1
< 2
16
0.04...0.12
BZT55C24
2)
5
22.8...25.6
< 80
< 220
1
< 0.1
< 2
18
0.04...0.12
BZT55C27
2)
5
25.1...28.9
< 80
< 220
1
< 0.1
< 2
20
0.04...0.12
BZT55C30
2)
5
28...32
< 80
< 220
1
< 0.1
< 2
22
0.04...0.12
BZT55C33
2)
5
31...35
< 80
< 220
1
< 0.1
< 2
24
0.04...0.12
BZT55C36
2)
5
34...38
< 80
< 220
1
< 0.1
< 2
27
0.04...0.12
BZT55C39
2)
2.5
37...41
< 90
< 500
0.5
< 0.1
< 5
30
0.04...0.12
BZT55C43
2)
2.5
40...46
< 90
< 600
0.5
< 0.1
< 5
33
0.04...0.12
BZT55C47
2)
2.5
44...50
< 110
< 700
0.5
< 0.1
< 5
36
0.04...0.12
BZT55C51
2)
2.5
48...54
< 125
< 700
0.5
< 0.1
< 10
39
0.04...0.12
BZT55C56
2)
2.5
52...60
< 135
< 1000
0.5
< 0.1
< 10
43
0.04...0.12
BZT55C62
2)
2.5
58...66
< 150
< 1000
0.5
< 0.1
< 10
47
0.04...0.12
BZT55C68
2)
2.5
64…72
< 200
< 1000
0.5
< 0.1
< 10
51
0.04...0.12
BZT55C75
2)
2.5
70…79
< 250
< 1500
0.5
< 0.1
< 10
56
0.04...0.12
1) Tested with pulses tp = 20 ms.
2) Additional measurement of Voltage group 9V1 to 75 at 95% Vzmin ≤ 35 nA


Similar Part No. - BZT55C3V3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BZT55C3V3 TEMIC-BZT55C3V3 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZT55C3V3 VISHAY-BZT55C3V3 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZT55C3V3 TSC-BZT55C3V3 Datasheet
267Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
BZT55C3V3 VISHAY-BZT55C3V3 Datasheet
193Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 10-Mar-06
logo
Taiwan Semiconductor Co...
BZT55C3V3 TSC-BZT55C3V3 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - BZT55C3V3

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com