Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF14 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SF14
Description  SUPERFAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SF14 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SF14 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SF14 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 13/05/2005 H
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SF11~SF18
SUPERFAST RECOVERY RECTIFIERS
Reverse Voltage – 50 to 600 Volts
Forward Current – 1.0 Ampere
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0.
• High surge capability
• Low forward voltage, high current capability
• Hermetically sealed
• Super-fast recovery times
• Low leakage
Mechanical Data
• Case: DO-41 molded plastic
• Terminals: Axial Leads, solderable per MIL-STD-202,
method 208 guaranteed
• Polarity: Colored band denotes cathode end
• Mounting position: Any
Absolute Maximum Ratings and Characteristics
Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive
load, for capacitive load, derate current by 20%.
Symbols
SF11
SF12
SF13
SF14
SF15
SF16
SF18
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
Maximum Average Forward Rectified Current
0.375” (9.5mm) Lead Length at TA = 55℃
I(AV)
1.0
A
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
30
A
Maximum Forward Voltage at 1.0A
VF
0.95
1.25
1.7
V
Maximum Reverse Current
at Rated DC Blocking Voltage
Ta = 25℃
Ta = 100℃
IR
5.0
500
uA
Maximum Reverse Recovery Time (note1)
TRR
35
50
nS
Typical Junction Capacitance(note2)
CJ
50
25
pF
Typical Thermal Resistance(note3)
RθJA
50
OC/W
Operating Junction Temperature
TJ
-55 to +150
OC
Storage Temperature Range
Ts
-55 to +150
OC
Notes: 1.Reverse recovery test conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
2.Measured at 1.0MHz and applied reverse voltage of 4.0V
3.Thermal resistance from junction to ambient 0.375” (9.5mm) lead length P.C.B mounted.


Similar Part No. - SF14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF14 TSC-SF14 Datasheet
566Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Mospec Semiconductor
SF14 MOSPEC-SF14 Datasheet
137Kb / 2P
   POWER RECTIFIERS(1.0A,50-400V)
logo
SAMYANG ELECTRONICS CO....
SF14 SAMYANG-SF14 Datasheet
448Kb / 2P
   SUPER FAST RECTIFIER
logo
Rugao Dachang Electroni...
SF14 DACHANG-SF14 Datasheet
121Kb / 2P
   Plastic Super Fast Recover Rectifier
logo
GOOD-ARK Electronics
SF14 GOOD-ARK-SF14 Datasheet
227Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results

Similar Description - SF14

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS
ER100S TRSYS-ER100S Datasheet
147Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER100 PANJIT-ER100_09 Datasheet
47Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF31 HY-SF31 Datasheet
38Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
EDT302S PANJIT-EDT302S Datasheet
415Kb / 5P
   SUPERFAST RECOVERY RECTIFIERS
MURC4JI PANJIT-MURC4JI Datasheet
176Kb / 4P
   SUPERFAST RECOVERY RECTIFIERS
ED602CS PANJIT-ED602CS_04 Datasheet
48Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SF51 SEMTECH_ELEC-SF51 Datasheet
309Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ED802CT PANJIT-ED802CT_04 Datasheet
39Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com