Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG4C Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # UG4C
Description  ULTRAFAST EFFICIENT PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

UG4C Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  UG4C Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. UG4C Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 26/04/2006 C
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
UG4A THRU UG4D
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
Reverse Voltage – 50 to 200 V
Forward Current – 4 A
Features
• Ultrafast recovery time for high efficiency
• Soft recovery characteristics
• Excellent high temperature switching
• Glass passivated junction
Mechanical Data
• Case: Molded plastic, DO-201AD
• Terminals: Plated axial leads, solderable per
MIL-STD-750, method 2026
• Polarity: Color band denotes cathode end
• Mounting position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified.
Parameter
Symbols
UG4A
UG4B
UG4C
UG4D
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
V
Maximum RMS Voltage
VRMS
35
70
105
140
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
V
Maximum Average Forward Rectified Current
0.375"(9.5 mm) Lead Length at TL = 75 OC
I(AV)
4
A
Peak Forward Surge Current, 8.3 ms Single Half-sine-wave
Superimposed on rated load (JEDEC method) at TL = 75 OC
IFSM
150
A
Maximum Forward Voltage at 4 A
VF
0.95
V
Maximum Reverse Current
TA = 25 OC
at Rated DC Blocking Voltage
TA = 100 OC
IR
5
300
µA
Maximum Reverse Recovery Time
1)
trr
20
ns
Maximum Reverse Recovery Time
2)
TJ = 25 OC
TJ = 100 OC
trr
30
50
ns
Maximum Recovered stored charge Time
2)
TJ = 25 OC
TJ = 100 OC
Qrr
15
30
nC
Typical Junction Capacitance
3)
CJ
20
pF
Typical Thermal Resistance
4)
RθJA
25
O
C/W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
O
C
1) Reverse recovery test conditions: I
F = 0.5 A, IR = 1 A, Irr = 0.25 A.
2) t
rr and Qrr measured at tester: IF = 4 A, VR = 30 V, di/dt = 50 A/µs, Irr = 10% IRM for measurement of trr.
3) Measured at 1 MHz and applied reverse voltage of 4 V.
4) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length.
Dimensions in inches and (millimeters)
DO-201AD
0.052(1.32)
0.048(1.22)
0.210(5.3)
0.190(4.8)
1.0 (25.4) MIN.
0.375(9.5)
0.285(7.2)
1.0 (25.4) MIN.


Similar Part No. - UG4C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG4C GE-UG4C Datasheet
48Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG4C VISHAY-UG4C Datasheet
95Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 20-Aug-07
UG4C VISHAY-UG4C Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG4C VISHAY-UG4C Datasheet
78Kb / 4P
   Miniature Ultrafast Plastic Rectifiers
Revision: 04-May-11
logo
Shenzhen Taychipst Elec...
UG4C TAYCHIPST-UG4C Datasheet
2Mb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results

Similar Description - UG4C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
UG4A TAYCHIPST-UG4A Datasheet
2Mb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
General Semiconductor
SUF30G GE-SUF30G Datasheet
43Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UF4001 GE-UF4001 Datasheet
44Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG1A GE-UG1A Datasheet
44Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG30APT GE-UG30APT Datasheet
73Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGF18ACT GE-UGF18ACT Datasheet
84Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Shanghai Shunye Electro...
SUF30G SHUNYE-SUF30G Datasheet
492Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
General Semiconductor
UG2A GE-UG2A Datasheet
48Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UG8AT GE-UG8AT Datasheet
41Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGB18ACT GE-UGB18ACT Datasheet
85Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
UGB8AT GE-UGB8AT Datasheet
39Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com