Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM04522-36 Datasheet(PDF) 3 Page - Stealth Microwave, Inc.

Part # SM04522-36
Description  450-2200 MHz 4 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Direct Link  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM04522-36 Datasheet(HTML) 3 Page - Stealth Microwave, Inc.

  SM04522-36 Datasheet HTML 1Page - Stealth Microwave, Inc. SM04522-36 Datasheet HTML 2Page - Stealth Microwave, Inc. SM04522-36 Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM04522-36/36H
450-2200 MHz
4 Watt Linear Power Amplifier
FOR LAB & WIDEBAND APPLICATIONS
Specifications subject to change without notice.
Pin
Description
Values
RF Input
Input Connector (SMA Female)
+18 dBm typ. for -36, +3 dBm typ. for -36H
RF Output
Output Connector (SMA Female)
+ 36 dBm @ P1dB
GND
Ground Turret
---
+12VDC
DC Input Voltage
+ 12 Volts @ 1.9 Amperes
On/Off
TTL Logic On/Off
0 Volts = Off, +5 Volts = On


Similar Part No. - SM04522-36

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM04548-47L STEALTH_MICROWAVE-SM04548-47L Datasheet
176Kb / 3P
   450-480 MHz 50 Watt Ultra Linear Power Amplifier
logo
AVX Corporation
SM045C106KHN480 AVX-SM045C106KHN480 Datasheet
1Mb / 112P
   AVX Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
SM045C106MHN480 AVX-SM045C106MHN480 Datasheet
1Mb / 112P
   AVX Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
SM045C126KHN480 AVX-SM045C126KHN480 Datasheet
1Mb / 112P
   AVX Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
SM045C126MHN480 AVX-SM045C126MHN480 Datasheet
1Mb / 112P
   AVX Advanced Ceramic Capacitors for Power Supply, High Voltage and Tip and Ring Applications
More results

Similar Description - SM04522-36

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM0822-39 STEALTH_MICROWAVE-SM0822-39 Datasheet
125Kb / 3P
   800-2200 MHz 8 Watt Linear Power Amplifier
SM2225-37RY3 STEALTH_MICROWAVE-SM2225-37RY3 Datasheet
40Kb / 2P
   2200-2500 MHz 5 Watt Linear Power Amplifier
SM1822-44 STEALTH_MICROWAVE-SM1822-44 Datasheet
129Kb / 3P
   1800-2200 MHz 25 Watt Linear Power Amplifier
SM2022-37RY4 STEALTH_MICROWAVE-SM2022-37RY4 Datasheet
89Kb / 2P
   2000-2200 MHz 5 Watt Linear Power Amplifier
SM2022-50L STEALTH_MICROWAVE-SM2022-50L Datasheet
160Kb / 2P
   2000-2200 MHz 100 Watt Linear Power Amplifier
SM1822-42LS STEALTH_MICROWAVE-SM1822-42LS Datasheet
97Kb / 2P
   1800 - 2200 MHz 15 Watt Ultra-Linear Power Amplifier
SM04548-47L STEALTH_MICROWAVE-SM04548-47L Datasheet
176Kb / 3P
   450-480 MHz 50 Watt Ultra Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY65105 SKYWORKS-SKY65105 Datasheet
169Kb / 11P
   1700 - 2200 MHz Linear Power Amplifier
logo
List of Unclassifed Man...
CX65105 ETC1-CX65105 Datasheet
167Kb / 9P
   1700 - 2200 MHz Linear Power Amplifier
logo
Tyco Electronics
PA1224 MACOM-PA1224 Datasheet
66Kb / 2P
   2000-2200 MHz. 5 Watt 28v. GaAs Ultra Linear Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com