Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75118D Datasheet(PDF) 9 Page - Texas Instruments

Part # SN75118D
Description  DIFFERENTIAL LINE TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75118D Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75118D Datasheet HTML 5Page - Texas Instruments SN75118D Datasheet HTML 6Page - Texas Instruments SN75118D Datasheet HTML 7Page - Texas Instruments SN75118D Datasheet HTML 8Page - Texas Instruments SN75118D Datasheet HTML 9Page - Texas Instruments SN75118D Datasheet HTML 10Page - Texas Instruments SN75118D Datasheet HTML 11Page - Texas Instruments SN75118D Datasheet HTML 12Page - Texas Instruments SN75118D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
receiver section (continued)
PARAMETER
TEST CONDITIONS†
’116, SN75118
SN75117, SN75119
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
IIH
High-level input current
Enable
VCC = MAX,
VI = 2.4 V
SN75118, SN75119
40
40
µA
Strobe
VCC = MAX,
VID = 0.5 V,
’116 SN75117
24
24
II
Low-level input current
Strobe
CC
,
Vstrobe = 0.4 V,
ID
,
See Notes 4 and 7
’116, SN75117
– 2.4
– 2.4
mA
I
Enable
VCC = MAX,
VI = 0.4 V
SN75118, SN75119
– 1.6
– 1.6
I(RTC)
Response time control current (RTC)
VCC = MAX,
VID = 0.5 V,
TA =25°C
12
mA
I(RTC)
Response-time-control current (RTC)
CC
,
RC at 0 V,
ID
,
See Notes 4 and 7
TA = 25°C
– 1.2
mA
VCC = MAX,
TA = 25°C
1
10
IO(off)
Off-state open-collector output current
VCC = MAX,
VO = 12 V,
TA = MAX
SN55116
200
µA
()
VID = – 1 V
TA = MAX
SN75116, SN75118
20
Off t t (hi h i
d
t t )
VCC = MAX,
TA = 25°C
SN75118, SN75119
±10
±10
IOZ
Off-state (high-impedance-state)
output current
VCC = MAX,
VO = 0 to VCC,
TA = MAX
SN75118
±20
µA
out ut current
RE at 0.4 V
TA = MAX
SN75119
±20
RT
Line-terminating resistance
VCC = 5 V
TA = 25°C
77
167
IOS
Sh t i
it
t
t
VCC = MAX,
VO = 0,
TA =25°C
15
80
15
80
mA
IOS
Short-circuit output current§
CC
,
VID = – 0.5 V,
O
,
See Notes 4 and 6
TA = 25°C
– 15
– 80
– 15
– 80
mA
ICC
Short current (driver and
VCC = MAX,
VID = 0.5 V,
TA =25°C
42
60
42
60
mA
ICC
(
receiver combined)
CC
,
ID
,
See Notes 4 and 7
TA = 25°C
42
60
42
60
mA
† Unless otherwise noted, Vstrobe = 2.4 V. All parameters, with the exception of off-state open-collector output current, are measured with the active pullup connected to the sink output.
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C, and VIC = 0.
§ Not more than one output should be shorted at a time.
NOTES:
4. This applies with the less positive receiver input grounded.
6.
For SN55116, VID = – 1 V
7.
For SN55116, VID = 1 V


Similar Part No. - SN75118D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75118D TI1-SN75118D Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
More results

Similar Description - SN75118D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI1-SN55116_14 Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_13 Datasheet
311Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677_07 Datasheet
421Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com