Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N60P Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # 1N60P
Description  POINT CONTACT GERMANIUM DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N60P Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  1N60P Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N60P Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 26/09/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
~
~
~
output
Input 2Vrms
Rectification Efficiency Measurement Circuit
Forward Characteristics
mA
30
15
0
0.2
1.6 V
I F
V
0
100
50
V
Reverse Characteristics
I R
uA
200
VR
25
1N60P, 1N60S


Similar Part No. - 1N60P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N60P SEMTECH-1N60P Datasheet
88Kb / 2P
   POINT CONTACT GERMANIUM DIODE
logo
Unisonic Technologies
1N60P UTC-1N60P Datasheet
274Kb / 6P
   1.2A, 600V N-CHANNEL POWER MOSFET
logo
Formosa MS
1N60P FORMOSA-1N60P Datasheet
80Kb / 2P
   Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
1N60P LUGUANG-1N60P Datasheet
184Kb / 2P
   Small Signal Schottky Diodes
logo
DAESAN ELECTRONIC CORP.
1N60P DAESAN-1N60P Datasheet
310Kb / 2P
   GERMANIUM DIODES
More results

Similar Description - 1N60P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N60P SEMTECH-1N60P Datasheet
88Kb / 2P
   POINT CONTACT GERMANIUM DIODE
1N34A SEMTECH-1N34A Datasheet
52Kb / 1P
   POINT CONTACT GERMANIUM DIODE
logo
American Microsemicondu...
1N23SC AMMSEMI-1N23SC Datasheet
526Kb / 1P
   Point Contact Diodes
1N23SG AMMSEMI-1N23SG Datasheet
526Kb / 1P
   Point Contact Diodes
1N23SD AMMSEMI-1N23SD Datasheet
526Kb / 1P
   Point Contact Diodes
1N23SE AMMSEMI-1N23SE Datasheet
526Kb / 1P
   Point Contact Diodes
1N23SF AMMSEMI-1N23SF Datasheet
526Kb / 1P
   Point Contact Diodes
1N23SH AMMSEMI-1N23SH Datasheet
526Kb / 1P
   Point Contact Diodes
1N23WE AMMSEMI-1N23WE Datasheet
526Kb / 1P
   Point Contact Diodes
1N23WG AMMSEMI-1N23WG Datasheet
526Kb / 1P
   Point Contact Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com