Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55182J Datasheet(PDF) 8 Page - Texas Instruments

Part # SN55182J
Description  DUAL DIFFERENTIAL LINE RECEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55182J Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN55182J Datasheet HTML 4Page - Texas Instruments SN55182J Datasheet HTML 5Page - Texas Instruments SN55182J Datasheet HTML 6Page - Texas Instruments SN55182J Datasheet HTML 7Page - Texas Instruments SN55182J Datasheet HTML 8Page - Texas Instruments SN55182J Datasheet HTML 9Page - Texas Instruments SN55182J Datasheet HTML 10Page - Texas Instruments SN55182J Datasheet HTML 11Page - Texas Instruments SN55182J Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SN55182, SN75182
DUAL DIFFERENTIAL LINE RECEIVERS
SLLS092D – OCTOBER 1972 – REVISED APRIL 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
4
3
2
1
100
75
50
25
0
–25
–50
0
125
5
–75
VCC = 5 V
VID = 0.5 V, IO = –400 µA
VID = –0.5 V, IOL = 16 mA
Figure 6
VOLTAGE TRANSFER CHARACTERISTICS
10 k
VCC = 5 V
VIC = 0
5 V
4
3
2
1
0.3
0.1
–0.1
–0.3
0
0.5
5
VID – Differential Input Voltage – V
–0.5
TA = 125°C
TA = –55°C
–0.4
–0.2
0
0.2
0.4
TA = 25°C
400
4 Each
1N3064
From Output
Under Test
Figure 7
INPUT CURRENT
vs
INPUT VOLTAGE
8
6
4
2
0
–2
–4
–6
–8
10
0
–10
–10
20
10
VI – Input Voltage – V
–20
IN–
–15
15
5
–5
IN+
VCC = 5 V
VID = 0 to ±20 V
TA = 25°C
Figure 8
TERMINATING RESISTANCE
vs
FREE-AIR TEMPERATURE
180
170
160
100
75
50
25
0
–25
–50
150
125
200
TA – Free-Air Temperature – °C
–75
190
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.


Similar Part No. - SN55182J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55182J TI-SN55182J Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN55182J TI1-SN55182J Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN55182J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com