Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EIM1314-5 Datasheet(PDF) 3 Page - Excelics Semiconductor, Inc.

Part # EIM1314-5
Description  13.75-14.50GHz Multi-Stage Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EIM1314-5 Datasheet(HTML) 3 Page - Excelics Semiconductor, Inc.

  EIM1314-5 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EIM1314-5 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EIM1314-5 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EIM1314-5
ISSUED: 11/18/2008
13.75-14.50GHz Multi-Stage Power Amplifier
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 3 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised November 2008
DISCLAIMER
EXCELICS SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE
TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. EXCELICS DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT
DESCRIBED HEREIN.
LIFE SUPPORT POLICY
EXCELICS SEMICONDUCTOR PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS
IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF EXCELICS
SEMICONDUCTOR, INC.
AS HERE IN:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for
use provided in the labeling, can be reasonably expected to result in significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be
reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


Similar Part No. - EIM1314-5

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIM1314-4 EXCELICS-EIM1314-4 Datasheet
140Kb / 3P
   13.75-14.50GHz Multi-Stage Power Amplifier
More results

Similar Description - EIM1314-5

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIM1314-4 EXCELICS-EIM1314-4 Datasheet
140Kb / 3P
   13.75-14.50GHz Multi-Stage Power Amplifier
EIC1314-2 EXCELICS-EIC1314-2 Datasheet
123Kb / 2P
   13.75-14.50GHz 2-Watt Internally-Matched Power FET
EIC1314-4 EXCELICS-EIC1314-4 Datasheet
182Kb / 4P
   13.75-14.50GHz 4-Watt Internally-Matched Power FET
logo
Mitsubishi Electric Sem...
MGFK38A3745 MITSUBISHI-MGFK38A3745 Datasheet
410Kb / 5P
   13.75-14.50GHz BAND 6W INTERNALLY MATCHED GaAs FET
logo
Excelics Semiconductor,...
EIM8911-5 EXCELICS-EIM8911-5 Datasheet
173Kb / 3P
   8.95-10.6GHz Multi-Stage Power Amplifier
EIM0910-4 EXCELICS-EIM0910-4 Datasheet
147Kb / 3P
   9.5-10.5GHz Multi-Stage Power Amplifier
EIM7785-4 EXCELICS-EIM7785-4 Datasheet
162Kb / 4P
   7.70-8.50GHz Multi-Stage Power Amplifier
EIM1213-4 EXCELICS-EIM1213-4 Datasheet
106Kb / 3P
   12.75 - 13.25GHz Multi-Stage Power Amplifier
EIM1415-4 EXCELICS-EIM1415-4 Datasheet
145Kb / 3P
   14.40-15.40GHz Multi-Stage Power Amplifier
EIM1011-4 EXCELICS-EIM1011-4 Datasheet
162Kb / 4P
   10.7-11.7GHz Multi-Stage Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com