Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EID1616-3 Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EID1616-3
Description  16.2-16.5 GHz 3-Watt Internally-Matched Power FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EID1616-3 Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EID1616-3 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EID1616-3 Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EID1616-3
5 GHz 3-Watt Internally-Matched Power FET
Specifications are subject to change without notice.
UPDATED: 07/24/2008
16.2–16.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web:
YYWW
ALL DIMENSIONS IN INCHES
.512
.382
.094
Excelics
.650±.008
.129
SN
GATE
.060 MIN.
.045
.070 ±.008
.004
.022
.060 MIN.
DRAIN
.319
FEATURES
16.2-16.5 GHz Bandwidth
Input/Output Impedance Matched to 50 Ohms
+35.0 dBm Output Power at 1dB Compression
6.0 dB Power Gain at 1dB Compression
25% Power Added Efficiency
Hermetic Metal Flange Package
100% Tested for DC, RF, and RTH
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
Caution! ESD sensitive device.
EID1616-3
SYMBOL
PARAMETERS/TEST CONDITIONS
1
MIN
TYP
MAX
UNITS
P1dB
Output Power at 1dB Compression
f = 16.2-16.5GHz
VDS = 10 V, IDSQ ≈ 1200mA
34.5
35.0
dBm
G1dB
Gain at 1dB Compression
f = 16.2-16.5GHz
VDS = 10 V, IDSQ ≈ 1200mA
5.0
6.0
dB
∆G
Gain Flatness
f = 16.2-16.5GHz
VDS = 10 V, IDSQ ≈ 1200mA
±0.6
dB
PAE
Power Added Efficiency at 1dB Compression
VDS = 10 V, IDSQ ≈ 1200mA
f = 16.2-16.5GHz
25
%
Id1dB
Drain Current at 1dB Compression
f = 16.2-16.5GHz
700
900
mA
IDSS
Saturated Drain Current
VDS = 3 V, VGS = 0 V
1100
1500
mA
VP
Pinch-off Voltage
VDS = 3 V, IDS = 20 mA
-2.5
-4.0
V
RTH
Thermal Resistance
2
8.5
10.5
oC/W
Notes: 1. Tested with 100 Ohm gate resistor.
2. Overall Rth depends on case mounting.
ABSOLUTE MAXIMUM RATINGS FOR CONTINUOUS OPERATION
1,2
SYMBOL
CHARACTERISTIC
VALUE
VDS
Drain to Source Voltage
10 V
VGS
Gate to Source Voltage
-4.5 V
IDS
Drain Current
IDSS
IGSF
Forward Gate Current
20 mA
PIN
Input Power
@ 3dB compression
PT
Total Power Dissipation
11.5 W
TCH
Channel Temperature
150°C
TSTG
Storage Temperature
-65/+150°C
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
www.excelics.com
Revised July 2008


Similar Part No. - EID1616-3

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EID1616A1-12 EXCELICS-EID1616A1-12 Datasheet
91Kb / 2P
   16.0-16.5 GHz 12-Watt Internally Matched Power FET
More results

Similar Description - EID1616-3

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EID1616A1-12 EXCELICS-EID1616A1-12 Datasheet
91Kb / 2P
   16.0-16.5 GHz 12-Watt Internally Matched Power FET
EIA1616-8P-2 EXCELICS-EIA1616-8P-2 Datasheet
95Kb / 2P
   16.2-16.4GHz 8-Watt Internally Matched Power FET
EIA1616-4P EXCELICS-EIA1616-4P Datasheet
48Kb / 1P
   16.2-16.4GHz, 4W Internally Matched Power FET
EIA1616-8P EXCELICS-EIA1616-8P Datasheet
46Kb / 1P
   16.2-16.4GHz, 8W Internally Matched Power FET
EID1415A1-3 EXCELICS-EID1415A1-3 Datasheet
217Kb / 2P
   14.40-15.35GHz, 3-Watt Internally-Matched Power FET
EIC1415-3 EXCELICS-EIC1415-3 Datasheet
88Kb / 1P
   14.40-15.35GHz 3-Watt Internally Matched Power FET
EID1414A1-8 EXCELICS-EID1414A1-8 Datasheet
170Kb / 4P
   14.00-14.50 GHz 8-Watt Internally-Matched Power FET
EIC1011-12 EXCELICS-EIC1011-12 Datasheet
101Kb / 2P
   10.7-11.7 GHz 12-Watt Internally Matched Power FET
EIC1112-8 EXCELICS-EIC1112-8 Datasheet
90Kb / 2P
   11.7-12.7 GHz 8-Watt Internally Matched Power FET
EIC1314-12 EXCELICS-EIC1314-12 Datasheet
241Kb / 3P
   13.75-14.50 GHz 12-Watt Internally Matched Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com