Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EID1415A1-8 Datasheet(PDF) 4 Page - Excelics Semiconductor, Inc.

Part # EID1415A1-8
Description  14.40-15.35GHz 8-Watt Internally-Matched Power FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EID1415A1-8 Datasheet(HTML) 4 Page - Excelics Semiconductor, Inc.

  EID1415A1-8 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EID1415A1-8 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EID1415A1-8 Datasheet HTML 3Page - Excelics Semiconductor, Inc. EID1415A1-8 Datasheet HTML 4Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EID1415A1-8
UPDATED 11/12/2007
14.40-15.35GHz 8-Watt Internally-Matched Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 4 of 4
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised November 2007
PACKAGES OUTLINE
Dimensions in inches, Tolerance + .005 unless otherwise specified
EID1415A1-8 (Hermetic)
EID1415A1-8NH (Non-Hermetic)
ALL DIMENSIONS IN INCHES
Excelics
YYWW
SN
ALL DIMENSIONS IN INCHES
YYWW
Excelics
SN
Caution! ESD sensitive device.
Caution! ESD sensitive device.
ORDERING INFORMATION
Part Number
Packages
Grade
1
fTest (GHz)
P1dB (min)
EID1415A1-8
Hermetic
Industrial
14.40-15.35GHz
38.5
EID1415A1-8NH
Non-Hermetic
Industrial
14.40-15.35GHz
38.5
Notes:
1. Contact factory for military and hi-rel grades.
2. Exact test conditions are specified in “Electrical Characteristics” table.
DISCLAIMER
EXCELICS SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. EXCELICS DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN.
LIFE SUPPORT POLICY
EXCELICS SEMICONDUCTOR PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE
SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF EXCELICS SEMICONDUCTOR,
INC. AS HERE IN:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with
instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be
reasonably expected to cause the failure of the life support device or system, or to affect its safety or
effectiveness
EID1415A1-8
EID1415A1-8NH


Similar Part No. - EID1415A1-8

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EID1415A1-12 EXCELICS-EID1415A1-12 Datasheet
169Kb / 4P
   14.40-15.35 GHz 12-Watt Internally-Matched Power FET
EID1415A1-3 EXCELICS-EID1415A1-3 Datasheet
217Kb / 2P
   14.40-15.35GHz, 3-Watt Internally-Matched Power FET
EID1415A1-5 EXCELICS-EID1415A1-5 Datasheet
171Kb / 4P
   14.40-15.35 GHz 5-Watt Internally-Matched Power FET
More results

Similar Description - EID1415A1-8

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EID1415A1-3 EXCELICS-EID1415A1-3 Datasheet
217Kb / 2P
   14.40-15.35GHz, 3-Watt Internally-Matched Power FET
EIC1415-2 EXCELICS-EIC1415-2 Datasheet
123Kb / 2P
   14.40-15.35GHz 2-Watt Internally-Matched Power FET
EIA1415-5 EXCELICS-EIA1415-5 Datasheet
89Kb / 2P
   14.40-15.35GHz 5-Watt Internally Matched Power FET
EIC1415-3 EXCELICS-EIC1415-3 Datasheet
88Kb / 1P
   14.40-15.35GHz 3-Watt Internally Matched Power FET
EIB1415-2P EXCELICS-EIB1415-2P Datasheet
90Kb / 1P
   14.40-15.35GHz 2W Internally Matched Power FET
EIB1415-4P EXCELICS-EIB1415-4P Datasheet
90Kb / 1P
   14.40-15.35GHz 4W Internally Matched Power FET
EIC1415A-8 EXCELICS-EIC1415A-8 Datasheet
124Kb / 2P
   14.40-15.40GHz 8-Watt Internally-Matched Power FET
EIC1415-12 EXCELICS-EIC1415-12 Datasheet
141Kb / 3P
   14.40-15.40GHz 12-Watt Internally Matched Power FET
EIC1415-4 EXCELICS-EIC1415-4 Datasheet
123Kb / 2P
   14.40-15.40GHz 4-Watt Internally-Matched Power FET
EIC1415A-4 EXCELICS-EIC1415A-4 Datasheet
86Kb / 1P
   14.40-15.40GHz 4-Watt Internally Matched Power FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com