Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75115 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75115
Description  DUAL DIFFERENTIAL RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75115 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75115 Datasheet HTML 3Page - Texas Instruments SN75115 Datasheet HTML 4Page - Texas Instruments SN75115 Datasheet HTML 5Page - Texas Instruments SN75115 Datasheet HTML 6Page - Texas Instruments SN75115 Datasheet HTML 7Page - Texas Instruments SN75115 Datasheet HTML 8Page - Texas Instruments SN75115 Datasheet HTML 9Page - Texas Instruments SN75115 Datasheet HTML 10Page - Texas Instruments SN75115 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SN55115, SN75115
DUAL DIFFERENTIAL RECEIVERS
SLLS072D – SEPTEMBER 1973 – REVISED MAY 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
–2
–4
–6
–25 – 20 –15 – 10 –5
0
5
2
4
INPUT CURRENT
vs
INPUT VOLTAGE
6
10
15
20
25
VCC = 5 V
Input Not Under Test at 0 V
TA = 25°C
VI – Input Voltage – V
Figure 2
Figure 3
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 4.5 V
2
1.6
0.8
0.4
0
3.4
1.2
2.8
2.4
3.2
4
– 75 – 50
– 25
0
25
50
75
100
125
VOH (VID = – 0.5 V, IOH = – 5 mA)
VOL (VID = 0.5 V, IOL = 15 mA)
Figure 4
OUTPUT VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
3
2
1
0
–25 – 20 –15 – 10 –5
0
5
4
5
6
10
15
20
25
No Load
TA = 25°C
VCC = 5.5 V
VID = – 1 V
VID = 1 V
VCC = 5 V
VCC = 4.5 V
VIC – Common-Mode Input Voltage – V
† Data for temperatures below 0
°C and above 70°C and for supply voltages below 4.75 V and above 5.25 V are applicable to SN55115 circuits
only. These parameters were measured with the active pullup connected to the sink output.


Similar Part No. - SN75115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75115 TI1-SN75115 Datasheet
893Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN75115 TI1-SN75115 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
REVISED MAY 1998
SN75115D TI1-SN75115D Datasheet
940Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN75115D TI1-SN75115D Datasheet
893Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN75115D TI1-SN75115D Datasheet
1Mb / 25P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
REVISED MAY 1998
More results

Similar Description - SN75115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55115 TI1-SN55115_15 Datasheet
893Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN75115NSR TI1-SN75115NSR Datasheet
940Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN55115 TI1-SN55115_V01 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
REVISED MAY 1998
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com