Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EID0910A1-12 Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EID0910A1-12
Description  9.50-10.50 GHz 12-Watt Internally Matched Power FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EID0910A1-12 Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EID0910A1-12 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EID0910A1-12 Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EID0910A1-12
UPDATED 07/12/2007
9.50-10.50 GHz 12-Watt Internally Matched Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised July 2007
YYWW
.827±.010
.421
.004
.669
.105±.008
.168±.010
ALL DIMENSIONS IN INCHES
.125
.508±.008
.442
SN
.004
.063
.024
.120 MIN
Excelics
.120 MIN
FEATURES
9.50– 10.50GHz Bandwidth
Input/Output Impedance Matched to 50 Ohms
+41 dBm Output Power at 1dB Compression
8.0 dB Power Gain at 1dB Compression
28% Power Added Efficiency
Hermetic Metal Flange Package
100% Tested for DC, RF, and RTH
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
Caution! ESD sensitive device.
SYMBOL
PARAMETERS/TEST CONDITIONS
1
MIN
TYP
MAX
UNITS
P1dB
Output Power at 1dB Compression
f = 9.50-10.50GHz
VDS = 10 V, IDSQ ≈ 3200mA
40
41
dBm
G1dB
Gain at 1dB Compression
f = 9.50-10.50GHz
VDS = 10 V, IDSQ ≈ 3200mA
7.0
8.0
dB
∆G
Gain Flatness
f = 9.50-10.50GHz
VDS = 10 V, IDSQ ≈ 3200mA
±0.6
dB
PAE
Power Added Efficiency at 1dB Compression
VDS = 10 V, IDSQ ≈ 3200mA
f = 9.50-10.50GHz
28
%
Id1dB
Drain Current at 1dB Compression
f = 9.50-10.50GHz
3800
4300
mA
IDSS
Saturated Drain Current
VDS = 3 V, VGS = 0 V
6400
8000
mA
VP
Pinch-off Voltage
VDS = 3 V, IDS = 64 mA
-1.2
-2.5
V
RTH
Thermal Resistance
2
2.5
3.0
oC/W
Notes:
1.
Tested with 50 Ohm gate resistor.
2.
Overall Rth depends on case mounting.
ABSOLUTE MAXIMUM RATING
1,2
SYMBOL
CHARACTERISTIC
VALUE
VDS
Drain to Source Voltage
10 V
VGS
Gate to Source Voltage
-3.0 V
IDS
Drain Current
IDSS
IGSF
Forward Gate Current
220 mA
PIN
Input Power
@ 3dB compression
PT
Total Power Dissipation
50 W
TCH
Channel Temperature
175°C
TSTG
Storage Temperature
-65/+175°C
Notes: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
EID0910A1-12


Similar Part No. - EID0910A1-12

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EID1112A1-5 EXCELICS-EID1112A1-5 Datasheet
90Kb / 2P
   11.70-12.70 GHz 5-Watt Internally Matched Power FET
EID1112A1-8 EXCELICS-EID1112A1-8 Datasheet
91Kb / 2P
   11.70-12.70 GHz 8-Watt Internally Matched Power FET
EID1314A1-12 EXCELICS-EID1314A1-12 Datasheet
91Kb / 2P
   13.75-14.50 GHz 12-Watt Internally Matched Power FET
EID1314A1-5 EXCELICS-EID1314A1-5 Datasheet
122Kb / 4P
   13.75-14.50 GHz 5-Watt Internally-Matched Power FET
EID1314A1-8 EXCELICS-EID1314A1-8 Datasheet
170Kb / 4P
   13.75-14.50 GHz 8-Watt Internally-Matched Power FET
More results

Similar Description - EID0910A1-12

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC0910-12 EXCELICS-EIC0910-12 Datasheet
90Kb / 2P
   9.50-10.50 GHz 12-Watt Internally Matched Power FET
EIC0910-25 EXCELICS-EIC0910-25 Datasheet
142Kb / 4P
   9.50-10.50 GHz 25-Watt Internally Matched Power FET
EIC0910-4 EXCELICS-EIC0910-4 Datasheet
183Kb / 4P
   9.50-10.50GHz 4-Watt Internally-Matched Power FET
EIC0910-8 EXCELICS-EIC0910-8 Datasheet
189Kb / 4P
   9.50-10.50GHz 8-Watt Internally Matched Power FET
EIC0910-2 EXCELICS-EIC0910-2 Datasheet
185Kb / 4P
   9.50-10.50GHz 2-Watt Internally-Matched Power FET
EIC1011-12 EXCELICS-EIC1011-12 Datasheet
101Kb / 2P
   10.7-11.7 GHz 12-Watt Internally Matched Power FET
EIC1314-12 EXCELICS-EIC1314-12 Datasheet
241Kb / 3P
   13.75-14.50 GHz 12-Watt Internally Matched Power FET
EIC1414-12 EXCELICS-EIC1414-12 Datasheet
86Kb / 1P
   14.0-14.5 GHz 12-Watt Internally Matched Power FET
EID1314A1-12 EXCELICS-EID1314A1-12 Datasheet
91Kb / 2P
   13.75-14.50 GHz 12-Watt Internally Matched Power FET
EIC1010A-12 EXCELICS-EIC1010A-12 Datasheet
91Kb / 2P
   10.0-10.25 GHz 12-Watt Internally Matched Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com