Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EIC7179-5 Datasheet(PDF) 3 Page - Excelics Semiconductor, Inc.

Part # EIC7179-5
Description  7.10-7.90GHz 5-Watt Internally-Matched Power FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EIC7179-5 Datasheet(HTML) 3 Page - Excelics Semiconductor, Inc.

  EIC7179-5 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EIC7179-5 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EIC7179-5 Datasheet HTML 3Page - Excelics Semiconductor, Inc. EIC7179-5 Datasheet HTML 4Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EIC7179-5
UPDATED 08/21/2007
7.10-7.90GHz 5-Watt Internally-Matched Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 3 of 4
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised October 2007
Power De-rating Curve and IM3 Definition
Power Dissipation vs. Temperature
0
5
10
15
20
25
30
0
255075
100
125
150
175
Case Temperature (°C)
Safe Operating
Region
Potentially Unsafe
Operating Region
f1 f2
(2f1-f2) f1 f2 (2f2-f1)
IM3
Pout
Pin
IP
3 = Pout + IM3/2
THIRD-ORDER
INTERCEPT POINT IP3
f1 or f2
(2f2 - f1) or (2f1 - f2)
Pin [S.C.L.] (dBm)
IM3
Typical Power Data (VDS = 10 V, IDSQ = 1600 mA)
Typical IM3 Data (VDS = 10 V, IDSQ ≈ 65% IDSS)
P-1dB & G-1dB vs Frequency
35
36
37
38
39
40
7.0
7.2
7.4
7.6
7.8
8.0
Frequency (GHz)
7
8
9
10
11
12
P-1dB (dBm)
G-1dB (dB)
IM3 vs Output Power
f1 = 7.90 GHz, f2 = 7.91 GHz
-70
-60
-50
-40
-30
-20
-10
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34
Pout [S.C.L.] (dBm)
IM3 (dBc)


Similar Part No. - EIC7179-5

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC7179-10 EXCELICS-EIC7179-10 Datasheet
91Kb / 2P
   7.10-7.90 GHz 10-Watt Internally Matched Power FET
EIC7179-12 EXCELICS-EIC7179-12 Datasheet
181Kb / 2P
   7.10-7.90 GHz 12-Watt Internally Matched Power FET
EIC7179-4 EXCELICS-EIC7179-4 Datasheet
181Kb / 4P
   7.10-7.90GHz 4-Watt Internally-Matched Power FET
EIC7179-4NH EXCELICS-EIC7179-4NH Datasheet
181Kb / 4P
   7.10-7.90GHz 4-Watt Internally-Matched Power FET
EIC7179-8 EXCELICS-EIC7179-8 Datasheet
187Kb / 4P
   7.10-7.90GHz 8-Watt Internally-Matched Power FET
More results

Similar Description - EIC7179-5

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC7179-8 EXCELICS-EIC7179-8 Datasheet
187Kb / 4P
   7.10-7.90GHz 8-Watt Internally-Matched Power FET
EIC7179-4 EXCELICS-EIC7179-4 Datasheet
181Kb / 4P
   7.10-7.90GHz 4-Watt Internally-Matched Power FET
EIC7177-10 EXCELICS-EIC7177-10 Datasheet
154Kb / 4P
   7.10-7.70 GHz 10-Watt Internally-Matched Power FET
EIC7179-10 EXCELICS-EIC7179-10 Datasheet
91Kb / 2P
   7.10-7.90 GHz 10-Watt Internally Matched Power FET
EIC7179-12 EXCELICS-EIC7179-12 Datasheet
181Kb / 2P
   7.10-7.90 GHz 12-Watt Internally Matched Power FET
EIA1415-5 EXCELICS-EIA1415-5 Datasheet
89Kb / 2P
   14.40-15.35GHz 5-Watt Internally Matched Power FET
EIC6472-5 EXCELICS-EIC6472-5 Datasheet
163Kb / 4P
   6.40-7.20GHz 5-Watt Internally-Matched Power FET
EIC7785-5 EXCELICS-EIC7785-5 Datasheet
168Kb / 4P
   7.70-8.50GHz 5-Watt Internally-Matched Power FET
EIC5964-5 EXCELICS-EIC5964-5 Datasheet
165Kb / 4P
   5.90-6.40 GHz 5-Watt Internally Matched Power FET
EID1414A1-5 EXCELICS-EID1414A1-5 Datasheet
122Kb / 4P
   14.00-14.50 GHz 5-Watt Internally-Matched Power FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com