Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5817 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 1N5817
Description  SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5817 Datasheet(HTML) 2 Page - Motorola, Inc

  1N5817 Datasheet HTML 1Page - Motorola, Inc 1N5817 Datasheet HTML 2Page - Motorola, Inc 1N5817 Datasheet HTML 3Page - Motorola, Inc 1N5817 Datasheet HTML 4Page - Motorola, Inc 1N5817 Datasheet HTML 5Page - Motorola, Inc 1N5817 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
125
115
105
95
85
75
20
15
10
7.0
5.0
4.0
3.0
2.0
°
VR, DC REVERSE VOLTAGE (VOLTS)
Figure 1. Maximum Reference Temperature
1N5817
40
30
23
60
80
R
θJA (°C/W) = 110
125
115
105
95
85
75
20
15
10
7.0
5.0
30
4.0
3.0
40
30
23
R
θJA (°C/W) = 110
80
60
Figure 2. Maximum Reference Temperature
1N5818
125
115
105
95
85
75
20
15
10
7.0
5.0
30
4.0
40
R
θJA (°C/W) = 110
60
80
Figure 3. Maximum Reference Temperature
1N5819
Circuit
Load
Half Wave
Resistive
Capacitive*
Full Wave, Bridge
Resistive
Capacitive
Full Wave, Center Tapped* †
Resistive
Capacitive
Sine Wave
Square Wave
0.5
0.75
1.3
1.5
0.5
0.75
0.65
0.75
1.0
1.5
1.3
1.5
40
30
23
°
VR, DC REVERSE VOLTAGE (VOLTS)
VR, DC REVERSE VOLTAGE (VOLTS)
*Note that VR(PK) ≈ 2.0 Vin(PK).
Use line to center tap voltage for Vin.
Table 1. Values for Factor F
°
1N5817 1N5818 1N5819
2
Rectifier Device Data
NOTE 1 — DETERMINING MAXIMUM RATINGS
Reverse power dissipation and the possibility of thermal runaway
must be considered when operating this rectifier at reverse voltages
above 0.1 VRWM. Proper derating may be accomplished by use of
equation (1).
TA(max) =
where TA(max) =
TJ(max) =
PF(AV) =
PR(AV) =
R
θJA =
TJ(max) – R
θJAPF(AV) – RθJAPR(AV)
Maximum allowable ambient temperature
Maximum allowable junction temperature
(1)
Average forward power dissipation
(125
°C or the temperature at which thermal
runaway occurs, whichever is lowest)
Average reverse power dissipation
Junction–to–ambient thermal resistance
Figures 1, 2, and 3 permit easier use of equation (1) by taking re-
verse power dissipation and thermal runaway into consideration. The
figures solve for a reference temperature as determined by equation
(2).
TR = TJ(max) – R
θJAPR(AV)
(2)
Substituting equation (2) into equation (1) yields:
TA(max) = TR – R
θJAPF(AV)
(3)
Inspection of equations (2) and (3) reveals that TR is the ambient
temperature at which thermal runaway occurs or where TJ = 125°C,
when forward power is zero. The transition from one boundary condi-
tion to the other is evident on the curves of Figures 1, 2, and 3 as a
difference in the rate of change of the slope in the vicinity of 115
°C. The
data of Figures 1, 2, and 3 is based upon dc conditions. For use in com-
mon rectifier circuits, Table 1 indicates suggested factors for an equiv-
alent dc voltage to use for conservative design, that is:
(4)
VR(equiv) = Vin(PK) x F
The factor F is derived by considering the properties of the various rec-
tifier circuits and the reverse characteristics of Schottky diodes.
EXAMPLE: Find TA(max)for1N5818operatedina12–voltdcsupply
using a bridge circuit with capacitive filter such that IDC=0.4A(IF(AV)=
0.5 A), I(FM)/I(AV) = 10, Input Voltage = 10 V(rms), R
θJA = 80°C/W.
Step 1. Find VR(equiv). Read F = 0.65 from Table 1,
Step 1. Find
∴ VR(equiv) = (1.41)(10)(0.65) = 9.2 V.
Step 2. Find TR from Figure 2. Read TR = 109°C
Step 1. Find @ VR = 9.2 V and R
θJA = 80°C/W.
Step 3. Find PF(AV) from Figure 4. **Read PF(AV) = 0.5 W
@
I(FM)
I(AV)
= 10 and IF(AV) = 0.5 A.
Step 4. Find TA(max) from equation (3).
Step 4. Find TA(max) = 109 – (80) (0.5) = 69°C.
**Values given are for the 1N5818. Power is slightly lower for the
1N5817 because of its lower forward voltage, and higher for the
1N5819.


Similar Part No. - 1N5817

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
1N5817 STANSON-1N5817 Datasheet
67Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
1N5817 ETC2-1N5817 Datasheet
63Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817 Datasheet
98Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Shenzhen Yixinwei Techn...
1N5817 YIXIN-1N5817 Datasheet
253Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
1N5817 VISHAY-1N5817 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
More results

Similar Description - 1N5817

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
Surge Components
1N5820 SURGE-1N5820 Datasheet
76Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Ampere???
logo
Pan Jit International I...
1N5817 PANJIT-1N5817 Datasheet
98Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB120S PANJIT-SB120S Datasheet
46Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
logo
Fairchild Semiconductor
MBR4035PT FAIRCHILD-MBR4035PT Datasheet
35Kb / 3P
   40 Ampere Schottky Barrier Rectifiers
logo
Motorola, Inc
MBR330 MOTOROLA-MBR330 Datasheet
121Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
Fairchild Semiconductor
MBR2535CT FAIRCHILD-MBR2535CT Datasheet
35Kb / 3P
   30 Ampere Schottky Barrier Rectifiers
logo
Yea Shin Technology Co....
MBR3020CT YEASHIN-MBR3020CT Datasheet
1Mb / 4P
   30 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com