Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS5B1G384 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NS5B1G384
Description  Single (NC) Normally Closed SPST Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NS5B1G384 Datasheet(HTML) 1 Page - ON Semiconductor

  NS5B1G384 Datasheet HTML 1Page - ON Semiconductor NS5B1G384 Datasheet HTML 2Page - ON Semiconductor NS5B1G384 Datasheet HTML 3Page - ON Semiconductor NS5B1G384 Datasheet HTML 4Page - ON Semiconductor NS5B1G384 Datasheet HTML 5Page - ON Semiconductor NS5B1G384 Datasheet HTML 6Page - ON Semiconductor NS5B1G384 Datasheet HTML 7Page - ON Semiconductor NS5B1G384 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2009
March, 2009 − Rev. 0
1
Publication Order Number:
NS5B1G384/D
NS5B1G384
Single (NC) Normally
Closed SPST Analog Switch
The NS5B1G384 is Single Pole Single Throw (SPST) high-speed
TTL-compatible switch. The low resistance and capacitance
characteristics of this switch make it ideal for low-distortion audio,
video, and data routing applications. The switch has a normally closed
logic configuration meaning the switch is on (NC connected to COM)
when IN is low. These switches are available in 5-pin SC−70 and 5-pin
TSOP−5 (SOT23−5) packages for operation over the industrial (-40
°C
to +85
°C) temperature range.
Features
VCC Operating Range: 2.0 V to 5.5 V
Low On Resistance : RON: 4.0 W Typical @ VCC = 4.5 V
Minimal Propagation Delay : tpd < 0.5 ns
Control Input Compatible with TTL Levels
ESD Performance: Human Body Model > ±2 kV
5-Pin SC−70 or 5-Pin TSOP−5 Packages Available
These are Pb−Free Devices
Typical Applications
Audio, Video, and High-Speed Data Switching
Mobile Phones
Portable Devices
Desktop & Notebook Computing
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
PIN ASSIGNMENTS
MARKING
DIAGRAMS
SC−70
CASE 419A
AG = For SC−70
AD = For TSOP−5
M
= Date Code
G
= Pb−Free Package
COM
IN
NC
LOGIC DIAGRAM
1
5
TSOP−5
(SOT23−5)
CASE 483
1
5
AD MG
G
AG MG
G
(Note: Microdot may be in either location)
VCC
COM
NC
IN
GND
1
2
3
5
4


Similar Part No. - NS5B1G384

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS5B1G384 ONSEMI-NS5B1G384 Datasheet
123Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
August, 2012 ??Rev. 1
NS5B1G384DTT1G ONSEMI-NS5B1G384DTT1G Datasheet
123Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
August, 2012 ??Rev. 1
More results

Similar Description - NS5B1G384

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS5B1G384DTT1G ONSEMI-NS5B1G384DTT1G Datasheet
123Kb / 8P
   Single (NC) Normally Closed SPST Analog Switch
August, 2012 ??Rev. 1
NS5B1G385 ONSEMI-NS5B1G385 Datasheet
144Kb / 8P
   Single (NO) Normally Open SPST Analog Switch
March, 2009 ??Rev. 0
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_07 Datasheet
119Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_07 Datasheet
109Kb / 10P
   SPST (NO) Normally Open Analog Switch
February, 2007 ??Rev. 13
MC74VHC1G66 ONSEMI-MC74VHC1G66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
May, 2011 ??Rev. 15
MC74VHC1GT66 ONSEMI-MC74VHC1GT66_11 Datasheet
138Kb / 9P
   SPST (NO) Normally Open Analog Switch
August, 2011 ??Rev. 15
MC74VHC1G66 ONSEMI-MC74VHC1G66_16 Datasheet
102Kb / 9P
   SPST (NO) Normally Open Analog Switch
September, 2016 ??Rev. 17
logo
Fairchild Semiconductor
FSA66 FAIRCHILD-FSA66_06 Datasheet
748Kb / 14P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
FSA66 FAIRCHILD-FSA66 Datasheet
122Kb / 10P
   Low Voltage UHS Single SPST Normally Open Analog Switch
logo
ON Semiconductor
FSA66 ONSEMI-FSA66 Datasheet
821Kb / 16P
   Low-Voltage UHS Single SPST Normally Open Analog Switch
June 2006 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com