Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP0080TAT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NP0080TAT1G
Description  Low Capacitance Protector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NP0080TAT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NP0080TAT1G Datasheet HTML 1Page - ON Semiconductor NP0080TAT1G Datasheet HTML 2Page - ON Semiconductor NP0080TAT1G Datasheet HTML 3Page - ON Semiconductor NP0080TAT1G Datasheet HTML 4Page - ON Semiconductor NP0080TAT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NP0080TA Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS TABLE (TA = 25°C unless otherwise noted)
Symbol
Rating
Min
Typ
Max
Unit
VRWM
Repetitive peak off−state voltage: Rated maximum
(peak) continuous voltage that may be applied in the
off−state condition
NP0080TAT1G
±8
V
NP0120TAT1G
±12
NP0160TAT1G
±16
VBR1
Breakdown Voltage: The minimum voltage across the
device in or at the breakdown region. Measured at
IBR = 1 mA
NP0080TAT1G
9.5
V
NP0120TAT1G
12.5
NP0160TAT1G
18
V(BO)
Breakover Voltage: The maximum voltage across the
device in or at the breakover region. Measured at
I(BO) = 800 mA
NP0080TAT1G
20
V
NP0120TAT1G
30
NP0160TAT1G
40
IR
Off−state Current: The dc value of current that results
from the application of the off−state voltage
0.5
mA
IH
Holding Current: The minimum current required to
maintain the device in the on−state.
50
mA
Co
Off−State Capacitance: f = 1.0 MHz, Vd = 1.0 Vrms,
VD = −2 Vdc
NP0080TAT1G
13
pF
NP0120TAT1G
11
NP0160TAT1G
11
DC1
D Capacitance: f = 1.0 MHz, Vd = 1.0 Vrms,
VD = | 0 V – Vrwm|
NP0080TAT1G
4
pF
NP0120TAT1G
3
NP0160TAT1G
3
IPPS
Peak Pulse Current: Rated maximum value of peak
impulse pulse current that may be applied. 8x20 ms,
IEC*61000*4*5
50
A
ESD
Electrostatic Discharge: Rated maximum value of ESD
per IEC−61000−4−2
Contact
8
kV
Air
15
TSTG
Storage Temperature Range
−55
+150
°C
TJ
Operating Junction Temperature Range
−40
+125
°C


Similar Part No. - NP0080TAT1G

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
220Kb / 6P
   General Specifications
NP0115AG03LC-JB-S NKK-NP0115AG03LC-JB-S Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LC-JB-S NKK-NP0115AG03LC-JB-S Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
More results

Similar Description - NP0080TAT1G

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTV05CAE FS-FTV05CAE Datasheet
387Kb / 4P
   Low Capacitance ESD Protector
logo
GOOD-ARK Electronics
SESLC3V3D323-2U GOOD-ARK-SESLC3V3D323-2U Datasheet
1Mb / 3P
   Low Capacitance ESD Protector
SES5VSC70-6U GOOD-ARK-SES5VSC70-6U Datasheet
605Kb / 6P
   Low Capacitance ESD Protector Array
logo
Bourns Electronic Solut...
TISP4P015L1N BOURNS-TISP4P015L1N_10 Datasheet
368Kb / 6P
   LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4P035L1NR-S BOURNS-TISP4P035L1NR-S Datasheet
368Kb / 6P
   LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP4C015L1N BOURNS-TISP4C015L1N Datasheet
343Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
logo
Pan Jit International I...
PJCLAMP0502Q PANJIT-PJCLAMP0502Q Datasheet
48Kb / 3P
   DUAL ULTRA LOW CAPACITANCE ESD PROTECTOR ARRAY
logo
Central Semiconductor C...
CMPLC1V5 CENTRAL-CMPLC1V5 Datasheet
82Kb / 2P
   SURFACE MOUNT LOW CAPACITANCE ESD TRANSIENT DATA LINE PROTECTOR
CMPLC1V5 CENTRAL-CMPLC1V5_10 Datasheet
329Kb / 2P
   SURFACE MOUNT LOW CAPACITANCE SILICON ESD TRANSIENT DATA LINE PROTECTOR
logo
Pan Jit International I...
PJLC1V5 PANJIT-PJLC1V5 Datasheet
180Kb / 4P
   LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com