Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV3066DR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV3066DR2G
Description  Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV3066DR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV3066DR2G Datasheet HTML 1Page - ON Semiconductor NCV3066DR2G Datasheet HTML 2Page - ON Semiconductor NCV3066DR2G Datasheet HTML 3Page - ON Semiconductor NCV3066DR2G Datasheet HTML 4Page - ON Semiconductor NCV3066DR2G Datasheet HTML 5Page - ON Semiconductor NCV3066DR2G Datasheet HTML 6Page - ON Semiconductor NCV3066DR2G Datasheet HTML 7Page - ON Semiconductor NCV3066DR2G Datasheet HTML 8Page - ON Semiconductor NCV3066DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NCP3066, NCV3066
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, −40°C < TJ < +125°C for NCV3066, 0°C < TJ < +85°C for NCP3066 unless
otherwise specified)
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
OSCILLATOR
fOSC
Frequency
(VPin5 = 0 V, CT = 2.2 nF,
TJ = 25°C)
110
150
190
kHz
IDISCHG/ICHG Discharge to Charge Current Ratio
(Pin 7 to VCC, TJ = 25°C)
5.5
6.0
6.5
IDISCHG
Capacitor Discharging Current
(Pin 7 to VCC, TJ = 25°C)
1650
mA
ICHG
Capacitor Charging Current
(Pin 7 to VCC, TJ = 25°C)
275
mA
VIPK(Sense)
Current Limit Sense Voltage
(TJ = 25°C) (Note 7)
165
200
235
mV
OUTPUT SWITCH (Note 6)
VSWCE(DROP) Darlington Switch Collector to
Emitter Voltage Drop
(ISW = 1.0 A, TJ = 25°C)
(Note 6)
1.0
1.3
V
IC(OFF)
Collector Off−State Current
(VCE = 40 V)
1.0
10
mA
COMPARATOR
VTH
Threshold Voltage
TJ = 25°C
235
mV
TJ = 0°C to 85°C
−5%
235
+5%
TJ = −40°C to +125°C
−10%
235
+10%
REGLiNE
Threshold Voltage Line Regulation
(VCC = 3.0 V to 40 V)
−6.0
2.0
6.0
mV
ICII in
Input Bias Current
(Vin = Vth)
−1000
−100
1000
nA
ON/OFF FEATURE
VIH
ON/OFF Pin Logic Input Level High
VOUT = 0 V
TJ = 25°C
TJ = 0°C to +85°C
2.2
2.4
V
VIL
ON/OFF Pin Logic Input Level Low
VOUT = Nominal Output Voltage
J = 25°C
TJ = 0°C to +85°C
1.0
0.8
V
IIH
ON/OFF Pin Input Current
ON/OFF Pin = 5 V (ON)
TJ = 25°C
15
mA
IIL
ON/OFF Pin Input Current
ON/OFF Pin = 0 V (OFF)
TJ = 25°C
1.0
mA
TON_MIN
ON/OFF Pin Minimum Width
TJ = 25°C
50
ms
TOTAL DEVICE
ICC
Supply Current
(VCC = 5.0 V to 40 V,
CT = 2.2 nF, Pin 7 = VCC,
VPin 5 > Vth, Pin 2 = GND,
remaining pins open)
7.0
mA
ISTBY
Standby Quiescent Current
ON/OFF Pin = 5.0 V (OFF)
TJ = 25°C
TJ = −40°C to +125°C
85
120
120
mA
TSHD
Thermal Shutdown Threshold
160
°C
TSHDHYS
Hysteresis
10
°C
6. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible.
7. The VIPK (Sense) Current Limit Sense Voltage is specified at static conditions. In dynamic operation the sensed current turn−off value
depends on comparator response time and di/dt current slope. See the Operating Description section for details.
8. NCV prefix is for automotive and other applications requiring site and change control and extended operating temperature conditions.


Similar Part No. - NCV3066DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3063 ONSEMI-NCV3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV3063DR2G ONSEMI-NCV3063DR2G Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV3063DR2G ONSEMI-NCV3063DR2G Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV3063MNTXG ONSEMI-NCV3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV3063PG ONSEMI-NCV3063PG Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
More results

Similar Description - NCV3066DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3065 ONSEMI-NCP3065 Datasheet
241Kb / 18P
   Up to 1.5 A Constant Current Switching Regulator for LEDs
July, 2007 - Rev. 0
NCP3064 ONSEMI-NCP3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
NCV3064 ONSEMI-NCV3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
logo
STMicroelectronics
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
R5973AD STMICROELECTRONICS-R5973AD Datasheet
1Mb / 38P
   Up to 1.5 A step-down switching regulator for aerospace applications
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
R5972D STMICROELECTRONICS-R5972D Datasheet
1Mb / 35P
   Up to 1.5 A step-down switching regulator for aerospace applications
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com