Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV3066DR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV3066DR2G
Description  Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV3066DR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV3066DR2G Datasheet HTML 7Page - ON Semiconductor NCV3066DR2G Datasheet HTML 8Page - ON Semiconductor NCV3066DR2G Datasheet HTML 9Page - ON Semiconductor NCV3066DR2G Datasheet HTML 10Page - ON Semiconductor NCV3066DR2G Datasheet HTML 11Page - ON Semiconductor NCV3066DR2G Datasheet HTML 12Page - ON Semiconductor NCV3066DR2G Datasheet HTML 13Page - ON Semiconductor NCV3066DR2G Datasheet HTML 14Page - ON Semiconductor NCV3066DR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NCP3066, NCV3066
http://onsemi.com
11
Figure 16. Buck with External Switch Demoboard Layout
Figure 17. Buck with External Switch Demoboard
Photo
350 mA 2 LED
(Vout = 6.4 V)
Figure 18. Efficiency of Buck LED Driver
INPUT VOLTAGE (V)
700 mA 2 LED
(Vout = 6.4 V)
350 mA 4 LED
(Vout = 12.8 V)
700 mA 4 LED
(Vout = 12.8 V)
Figure 19. Efficiency of Buck LED Driver at Iout = 3 A
50
55
60
65
70
75
80
85
90
10
15
20
25
30
35
INPUT VOLTAGE (V)
55
60
65
70
75
80
85
90
95
10
15
20
25
30
35
3 A 4 LED
(Vout = 12.8 V)
3 A 2 LED
(Vout = 6.4 V)
Figure 15, Buck Demoboard With External Switch
Application Schematic illustrates the NCP3066 being used
as a PFET controller. Table 1. Bill Of Materials shows the
small number of additional parts which are necessary to
assemble mentioned demoboard. The demoboard based on
two layer PCB and the layout is mentioned in Figure 16.
Buck Demoboard Layout. The Line regulation is mentioned
in Figure 20, Line Regulation. The Figure 21, Dimming
characteristic shows behavior of circuitry in case the square
wave signal with 5 V amplitude and 300 Hz frequency was
delivered into ON/OFF pin of device.


Similar Part No. - NCV3066DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3063 ONSEMI-NCV3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV3063DR2G ONSEMI-NCV3063DR2G Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV3063DR2G ONSEMI-NCV3063DR2G Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV3063MNTXG ONSEMI-NCV3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV3063PG ONSEMI-NCV3063PG Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
More results

Similar Description - NCV3066DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3065 ONSEMI-NCP3065 Datasheet
241Kb / 18P
   Up to 1.5 A Constant Current Switching Regulator for LEDs
July, 2007 - Rev. 0
NCP3064 ONSEMI-NCP3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
NCV3064 ONSEMI-NCV3064 Datasheet
1Mb / 20P
   1.5 A, Step-Up/Down/ Inverting Switching Regulator with ON/OFF Function
November, 2008 ??Rev. 4
logo
STMicroelectronics
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
R5973AD STMICROELECTRONICS-R5973AD Datasheet
1Mb / 38P
   Up to 1.5 A step-down switching regulator for aerospace applications
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
R5972D STMICROELECTRONICS-R5972D Datasheet
1Mb / 35P
   Up to 1.5 A step-down switching regulator for aerospace applications
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com