Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7420D25R2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV7420D25R2G
Description  LIN Transceiver with 3.3V or 5 V Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7420D25R2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV7420D25R2G Datasheet HTML 2Page - ON Semiconductor NCV7420D25R2G Datasheet HTML 3Page - ON Semiconductor NCV7420D25R2G Datasheet HTML 4Page - ON Semiconductor NCV7420D25R2G Datasheet HTML 5Page - ON Semiconductor NCV7420D25R2G Datasheet HTML 6Page - ON Semiconductor NCV7420D25R2G Datasheet HTML 7Page - ON Semiconductor NCV7420D25R2G Datasheet HTML 8Page - ON Semiconductor NCV7420D25R2G Datasheet HTML 9Page - ON Semiconductor NCV7420D25R2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCV7420
http://onsemi.com
6
disabled and the slave internal termination resistor of 30 k
W
between LIN and Vbb is disconnected in order to minimize
current consumption. Only a pull−up current source
between Vbb and LIN is active.
Sleep Mode
The Sleep Mode provides extreme low current
consumption. This mode is entered when both EN and STB
pins are LOW coming from normal mode. The internal
termination resistor of 30 k
W between LIN and Vbb is
disconnected and also the Vcc regulator is switched off to
minimize current consumption.
Wake−up
NCV7420 has two possibilities to wake−up from sleep or
stand−by mode (see Figure 3):
Local wake−up: enables the transition from sleep mode
to stand−by mode
Remote wake−up via LIN: enables the transition from
sleep− to stand−by mode and can be also detected when
already in standby mode.
A local wake−up is only detected in sleep mode if a
transition from LOW to HIGH or from HIGH to LOW is
seen on the wake pin.
Wake
t
V
BB
Detection of Local Wake−Up
Sleep Mode
Stand−by Mode
50% V
BB typ.
Wake
t
V
BB
Detection of Local Wake−Up
Sleep Mode
Stand−by Mode
50% V
BB typ.
Figure 4. Local Wake−up Signal
A remote wake−up is only detected if a combination of (1)
a falling edge at the LIN pin (transition from recessive to
dominant) is followed by (2) a dominant level maintained
for a time period > tWAKE and (3) again a rising edge at pin
LIN (transition from dominant to recessive) happens.
LIN recessive level
LIN
t
t
WAKE
40% Vbb
Detection of Remote Wake−Up
V
BB
60% Vbb
Sleep Mode
Stand−by Mode
LIN dominant level
Figure 5. Remote Wake−up Behavior
The wake−up source is distinguished by pin RxD in the
stand−by mode:
RxD remains HIGH after power−up or local wake−up.
RxD is kept LOW until normal mode is entered after a
remote wake−up (LIN).


Similar Part No. - NCV7420D25R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7420D25R2G ONSEMI-NCV7420D25R2G Datasheet
262Kb / 21P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
April, 2012 ??Rev. 7
NCV7420D25R2G ONSEMI-NCV7420D25R2G Datasheet
238Kb / 20P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
May, 2015 ??Rev. 9
More results

Similar Description - NCV7420D25R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7420 ONSEMI-NCV7420_15 Datasheet
238Kb / 20P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
May, 2015 ??Rev. 9
NCV7420 ONSEMI-NCV7420_12 Datasheet
262Kb / 21P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
April, 2012 ??Rev. 7
logo
AMI SEMICONDUCTOR
AMIS-40615 AMI-AMIS-40615 Datasheet
637Kb / 17P
   LIN Transceiver with 3.3V Voltage Regulator
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com